Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 19 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD4080 Datasheet HTML 15Page - Analog Devices AD4080 Datasheet HTML 16Page - Analog Devices AD4080 Datasheet HTML 17Page - Analog Devices AD4080 Datasheet HTML 18Page - Analog Devices AD4080 Datasheet HTML 19Page - Analog Devices AD4080 Datasheet HTML 20Page - Analog Devices AD4080 Datasheet HTML 21Page - Analog Devices AD4080 Datasheet HTML 22Page - Analog Devices AD4080 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 94 page
background image
Data Sheet
AD4080
THEORY OF OPERATION
analog.com
Rev. A | 19 of 94
TRANSFER FUNCTION
The AD4080 digitizes the full-scale difference voltage of 2 × VREFIN
into 220 levels, resulting in an LSB size of 5.72 μV with VREFIN = 3.0
V. Note that 1 LSB at 20 bits is approximately 0.95 ppm.
Table 7 summarizes the mapping of input voltages to differential
output codes.
Figure 33. ADC Ideal Transfer Function for the Differential Output Codes
(FSR Is Full-Scale Range)
Table 7. Input Voltage to Output Code Mapping
Description
Analog Input Voltage
Difference (IN+ − IN−,
Volts)
Digital Output Code (Twos
Complement, Hex)
FS − 1 LSB
+VREFIN × (1 − 1/219)
0x7FFFF
Midscale + 1 LSB +VREFIN/219
0x00001
Midscale
0
0x00000
Midscale − 1 LSB −VREFIN/219
0xFFFFF
−FS + 1 LSB
−VREFIN × (1 − 1/219)
0x80001
−FS
−VREFIN
0x80000
EASY DRIVE ANALOG INPUTS
The AD4080 signal input consists of a fully differential input pair
(IN+ and IN−), each connected to the input sampling network
(series resistance (RS) and sampling capacitance (CS)) and a pair
of auxiliary inputs (AUXIN+ and AUXIN−) that provide a reference
to the sampling network linearization circuits. An equivalent circuit
model of the analog input is presented in Figure 34.
Figure 34. Equivalent Analog Input Circuit Model
In this model, the input sampling network was simplified to consist
of two ideal switches, RS and CS, for the ADC in acquisition mode.
The typical values for CS is 23.5 pF and RS is 26 Ω.
The parasitic capacitance related to the pin connection, CPIN, is
modeled as a shunt capacitor between the pin and device ground
terminal (GND). The capacitance includes parasitic capacitance
formed from the physical interface, routing in the package substrate
and the device input protection circuits. The CPIN value is typically
4.5 pF. The input protection circuit for the AD4080 is modeled as
diode clamps to the GND and VDD33 supply rails.
The external low-pass filters (LPFs) constructed from RFILTIN and
CFILTIN and RFILTAUX and CFILTAUX are band-limiting filters for the
primary and auxiliary paths, respectively.
The combination of RFILTIN and CFILTIN are often referred to as
anti-aliasing filters because these filters do introduce a single-pole
filter in the analog input signal path. However, the function of CFILTIN
is more complex and must be carefully considered. Conversion
through a SAR involves sampling the voltage from an internal ca-
pacitor, represented by CS in the Figure 34, which typically occurs
in two phases in time ϕ1 and ϕ2 . During the first phase, the ϕ1
switches are closed, the ϕ2 switches are opened, and the sampling
capacitors (CS) are charged to the analog input voltages present at
IN+ and IN−. During the second phase, the ϕ1 switches are opened,
the ϕ2 are closed, and the ADC converts the voltage onto CS.
Another short time phase exists, where the CS charge is reset after
the conversion is complete. This process repeats for each new
ADC conversion. The transfer of charge from the ADC analog input
pins to CS, due to the closing of the switches in each conversion
cycle, creates a demand at the analog input pin. It is important to
ensure that the voltage presented at the input pin is undisturbed by
the internal ADC activity so that the voltage can be converted with
the highest accuracy. Each new conversion presents a disturbance,
or kick, at the input. The faster the ADC conversion rate is, the
more frequent the occurrence of these kicks. An ADC driver is used
to ensure that the input voltage, disturbed by the kick at each sam-
pling instance, is fully settled to the required ADC resolution prior
to the next sample being acquired. The ADC driver amplifier must
have a wide enough output bandwidth to settle the voltage in time
for each sample, which creates a signal chain design constraint to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com