Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 9 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD4080 Datasheet HTML 5Page - Analog Devices AD4080 Datasheet HTML 6Page - Analog Devices AD4080 Datasheet HTML 7Page - Analog Devices AD4080 Datasheet HTML 8Page - Analog Devices AD4080 Datasheet HTML 9Page - Analog Devices AD4080 Datasheet HTML 10Page - Analog Devices AD4080 Datasheet HTML 11Page - Analog Devices AD4080 Datasheet HTML 12Page - Analog Devices AD4080 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
Data Sheet
AD4080
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 9 of 94
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
A1, A2, A3
VDD11
P
1.1 V ADC Core Supplies. These supply pins are internally decoupled by four, 470 nF
capacitors to GND.
When power is supplied to VDDLDO (B3), an internal LDO voltage regulator produces
the 1.1 V required at these pins. The voltage regulator is automatically powered on
when VDDLDO is greater than 1.4 V.
If VDDLDO is left disconnected, the required 1.1 V must be supplied to these pins
from an external source.
A4, A5
CNV+, CNV−
DI
Convert Start Inputs. This pin pair serves as the conversion control input; a conversion
is initiated on the rising edge of the convert signal.
These inputs are by default configured in complementary metal-oxide semiconductor
(CMOS) mode, in which CNV− must be tied to IOGND and the convert signal is
applied to CNV+. In the LVDS data interface mode, the convert start input can be
optionally configured in LVDS mode, in which case, the convert signal is applied
differentially to CNV+ and CNV− and an external 100 Ω termination resistor must be
placed across these pins. See the ADC Conversion Control section for further details.
A6
IOVDD
P
1.1 V Digital Interface Supply Rail. This supply is internally decoupled by a 220 nF
capacitor to IOGND.
When power is supplied to VDDLDO (B3), an internal LDO voltage regulator produces
the 1.1 V required at this pin. The voltage regulator is automatically powered on when
VDDLDO is greater than 1.5 V.
If VDDLDO is left disconnected, the required 1.1 V must be supplied to this pin from
an external source (typically the host controller interface supply).
A7
CLK−/DCS
DI
Data Interface Clock Input (CLK−)/Data Interface Chip Select (DCS) Multifunction Pin.
In LVDS data interface mode (default), this pin serves as half of the differential data
clock input, and an external 100 Ω termination resistor must be present between it and
the CLK+ pin.
In SPI data interface mode, this pin functions as a chip select input (data interface chip
select).
B1, B2, C1, C2, F5,
F6, G5
REFGND
P
Reference Grounds. Connect any external reference decoupling capacitors across
REFIN and REFGND. REFGND must be tied with a low impedance path to GND.
B3
VDDLDO
P
LDO Supply Rail Input.
This supply rail is internally decoupled by a 220 nF capacitor to GND. The two internal,
1.1 V, LDO voltage regulators can be supplied from a source connected to this input
in the 1.5 V to 2.7 V range. If this pin is left open, the internal regulators automatically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com