Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 7 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD4080 Datasheet HTML 3Page - Analog Devices AD4080 Datasheet HTML 4Page - Analog Devices AD4080 Datasheet HTML 5Page - Analog Devices AD4080 Datasheet HTML 6Page - Analog Devices AD4080 Datasheet HTML 7Page - Analog Devices AD4080 Datasheet HTML 8Page - Analog Devices AD4080 Datasheet HTML 9Page - Analog Devices AD4080 Datasheet HTML 10Page - Analog Devices AD4080 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
Data Sheet
AD4080
SPECIFICATIONS
analog.com
Rev. A | 7 of 94
Table 2. Timing Specifications (Continued)
Parameter
Symbol
Min
Typ
Max
Unit
Data Interface Chip Select High to SCLK Disabled
tSCKDIS
0
ns
Data Interface Chip Select High to SDO Disabled
tCSDIS
10.3
ns
Data Interface Chip Select High Between Frames
tCSMIN
(tSCKEN + tSCKDIS) + 0.5 × tSCK
ns
Digital Filter
FILT_SYNC Rising Edge to CNV Rising Edge
tSYNC MAX
5
ns
CNV Rising Edge to FILT_SYNC Falling Edge
tSYNC MIN
3
ns
Event Detection
Input Threshold Crossed to ALERT Asserted
tEVT
2 × tCYC
3 × tCYC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com