Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 61 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 61 Page - Analog Devices

Back Button AD4080 Datasheet HTML 57Page - Analog Devices AD4080 Datasheet HTML 58Page - Analog Devices AD4080 Datasheet HTML 59Page - Analog Devices AD4080 Datasheet HTML 60Page - Analog Devices AD4080 Datasheet HTML 61Page - Analog Devices AD4080 Datasheet HTML 62Page - Analog Devices AD4080 Datasheet HTML 63Page - Analog Devices AD4080 Datasheet HTML 64Page - Analog Devices AD4080 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 94 page
background image
Data Sheet
AD4080
DIGITAL FEATURES
analog.com
Rev. A | 61 of 94
Event Triggered Capture, Read Latest
WATERMARK
Event triggered (read latest) mode is used where there is interest
only in the ADC data after an event occurs. This event can be
an internally generated event, where the AD4080 is running contin-
uously, and the threshold detection is enabled to trigger an event
as soon as an ADC input threshold is crossed. Or, the user can
be independently monitoring the system or ADC input for an event,
and an external event trigger is user-issued via a configured GPIO.
As in all cases of arming the FIFO, the first rising edge after
a FIFO_MODE write command arms the FIFO for data capture;
however, no data is written to the FIFO until an event of the
selected method occurs.
Rearming the trigger involves a similar process to the immediate
mode rearming. The FIFO is firstly disabled by writing 00 to the
FIFO_MODE bits before, and then rearmed by again enabling the
required capture mode.
Figure 91. Event Triggered Capture, Read Latest WATERMARK Arming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com