Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 23 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD4080 Datasheet HTML 19Page - Analog Devices AD4080 Datasheet HTML 20Page - Analog Devices AD4080 Datasheet HTML 21Page - Analog Devices AD4080 Datasheet HTML 22Page - Analog Devices AD4080 Datasheet HTML 23Page - Analog Devices AD4080 Datasheet HTML 24Page - Analog Devices AD4080 Datasheet HTML 25Page - Analog Devices AD4080 Datasheet HTML 26Page - Analog Devices AD4080 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 94 page
background image
Data Sheet
AD4080
THEORY OF OPERATION
analog.com
Rev. A | 23 of 94
Table 9. Integrated Supply Decoupling Summary (Continued)
Supply Pin
Nominal Value (μF)
Tolerance (%)
Return Path
VDD11
1.88 (4× 0.47)
±10
GND
IOVDD
0.22
±10
IOGND
INTERNALLY REGULATED SUPPLY
CONFIGURATION
The AD4080 includes two internal LDO regulators, one to generate
the 1.1 V VDD11 supply rail and another to internally generate the
1.1V IOVDD supply rail. Upon power on or reset of the AD4080
registers, both regulators automatically power up when an external
voltage source in the range of 1.4 V to 2.7 V is applied to the
VDDLDO pin. The regulators are designed to supply the internal
load requirement of the AD4080; therefore, no external loading is
permitted. Noted that, as described in the Power Saving Operating
Modes section, IOVDD is disabled in both power saving modes.
The required connectivity when using the internal regulators is
illustrated in Figure 38. As shown in Figure 38, the VDD11 pins
(A1, A2, and A3) must be shorted together. It is recommended that
a thick trace or polygon on the device side of the PCB be used
to implement this connection in the physical design to minimize
routing impedance. The VDD33 rail is supplied with an external
3.3 V supply. This supply can be removed when using power
saving modes. When this supply is removed, only analog circuity
is held in reset, and the configuration register content remains
unaffected. Refer to the Table 1 section for the applicable input
voltage tolerance for each supply rail.
Figure 38. Internally Regulated (1.1 V) Supply Configuration
The internally regulated configuration is ideal for use in area con-
strained applications where the ability to eliminate external regula-
tors is advantageous. However, noted that, in this configuration, the
internal supply regulation introduces additional power dissipation.
EXTERNALLY GENERATED SUPPLY
CONFIGURATION
In system using externally generated supplies VDDLDO must be
left unconnected. With VDDLDO unconnected both the internal
LDO powering VDD11 and the internal LDO powering IOVDDD are
automatically disabled. VDD11 must be connected to an externally
generated 1.1V supply rail and IOVDD should be connected to an
externally generated 1.1V to 1.2V supply rail. It should be noted
that if VDD11 is not present the part will be held in a POR state
and all AD4080 registers reset to their default state the after the
supply has been reestablished. More details on the POR circuitry
can be found in the Power-On Reset (POR) Monitor section. The
VDD33 rail is supplied with an external 3.3 V supply. The VDD33
supply can be removed to further reduce power in the Power
Saving Operating Modes, only analog circuity is in held in reset,
and the register content remains unaffected. Refer to Table 1 for the
applicable input voltage tolerance for each supply rail.
As illustrated in the example of Figure 39, external voltage sources
are applied to VDD11 and IOVDD pins.
Figure 39. Externally Sourced Supply Configuration
POWER-ON RESET (POR) MONITOR
The AD4080 power supply monitoring circuits inhibit the converter
functions and reset the configuration memory when supply con-
ditions are outside the specified operating limits. This function
ensures each device is in a deterministic state after power-up.
The power-on function is constructed from two independent voltage
monitors, the first measuring the core 1.1 V supply and a second
measuring the voltage at the reference input (REFIN). Each monitor
has its own comparator output that is used to decouple the analog
and digital block resets as shown in Figure 40.
Figure 40. Simplified Diagram of POR Circuit
The core VDD (1.1 V) supply monitor compares the VDD11 supply
voltage against a preset threshold of 0.93 V. If the supply voltage
falls to less than this threshold, a reset signal, POR_D, asserts.
The digital logic reset signal, DIG_RESET, is defined as the logical
combination of the POR_D signal and (logical AND) the compliment
of the SPI software reset function. When either the POR_D signal
(VDD11 < 0.93 V) or the SW RESET signal is asserted, the internal
digital circuitry is held in reset. When cleared, the contents of the
configuration registers are restored to the factory default settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com