Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 8 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD4080 Datasheet HTML 4Page - Analog Devices AD4080 Datasheet HTML 5Page - Analog Devices AD4080 Datasheet HTML 6Page - Analog Devices AD4080 Datasheet HTML 7Page - Analog Devices AD4080 Datasheet HTML 8Page - Analog Devices AD4080 Datasheet HTML 9Page - Analog Devices AD4080 Datasheet HTML 10Page - Analog Devices AD4080 Datasheet HTML 11Page - Analog Devices AD4080 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
Data Sheet
AD4080
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 8 of 94
Table 3. Absolute Maximum Ratings
Parameter
Rating
Analog Inputs
IN+, AUXIN+, IN−, and AUXIN− to GND
−0.3 V to +3.6 V
Analog Output
CMO
−0.3 V to +3.6 V
Supply Voltage
REFIN and VDD33 to GND
−0.3 V to +3.6 V
VDDLDO to GND
−0.3 V to +2.75 V
VDD11 to GND
−0.3 V to +1.26 V
IOVDD to GND
−0.3 V to +1.26 V
Digital Inputs and Outputs
Inputs (CNV± and CLK±) to GND
−0.3 V to +2.75 V
LVDS OUTPUT (DCO±, DA±, and DB±) to GND
−0.3 V to +1.26 V
CS, SCLK, and SDI to GND
−0.3 V to +2.75 V
GPIO0, GPIO1, GPIO2, and GPIO3 to GND
−0.3 V to +1.26 V
Temperature
Storage Range
−55°C to +150°C
Operating Range
−40°C to +85°C
Maximum Reflow (Package) as per JEDEC J-
STD-020
260°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and operating
environment. Careful attention to PCB thermal design is required.
θJA is the natural convection junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure. θJC is the junction
to case top thermal resistance.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
BC-49-8
66.6
53.1
°C/W
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in and ESD-protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field induced charged-device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002.
ESD Ratings for the AD4080
Table 5. AD4080, 49-Ball CSP_BGA
ESD Model
Withstand Threshold (V)
Class
HBM (Pin E1, Pin
E2, Pin D1, and
Pin D2 (IN−,
AUXIN−, IN+, and
AUXIN+,
respectively))
1000
1B
HBM (All other
pins)
1500
1C
FICDM
750
2B
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com