Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 25 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD4080 Datasheet HTML 21Page - Analog Devices AD4080 Datasheet HTML 22Page - Analog Devices AD4080 Datasheet HTML 23Page - Analog Devices AD4080 Datasheet HTML 24Page - Analog Devices AD4080 Datasheet HTML 25Page - Analog Devices AD4080 Datasheet HTML 26Page - Analog Devices AD4080 Datasheet HTML 27Page - Analog Devices AD4080 Datasheet HTML 28Page - Analog Devices AD4080 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 94 page
background image
Data Sheet
AD4080
THEORY OF OPERATION
analog.com
Rev. A | 25 of 94
Figure 42. Power Supply Sequence, Externally Generated IOVDD, VDD11
POWER SAVING OPERATING MODES
The operating mode of AD4080 is controlled by the OPERAT-
ING_MODES bits in the Device Configuration Register (Address
0x02). On power up and after reset, the default is normal mode
(OPERATING_MODES = 00). Table 11 describes all operating
modes, and Figure 43 depicts the allowed transitions between
these modes. Note that direct transitions between the two power
saving modes (standby mode and sleep mode) are not permitted.
It is important to stop all conversion and data interface clocking
before configuring the power mode.
When in either standby mode or sleep mode, the VDD33 supply
can be removed to reduce power consumption. This supply must
be re-established prior to issuing the SPI configuration interface
command to exit either power saving mode.
Figure 43. Operating Mode Transitions
Transitioning from normal mode to either of the two power saving
modes is achieved by writing the required value to the OPERAT-
ING_MODES bits in the Device Configuration Register. Waking
up (that is, transitioning back to normal mode) is achieved in a
similar way because the SPI configuration interface operation is
not affected by any of the power saving modes (see the SPI Config-
uration Interface section). Standby mode can be selected to save
power, in the case where the user wants to quickly return to normal
conversions. Sleep mode is a lower power state where returning to
normal mode takes longer. Both standby and sleep mode can be
particularly useful when used with the result FIFO (see the Result
FIFO section), whereby previously stored conversion data can be
accessed from the FIFO while it is still in the selected power saving
mode.
To reduce power consumption in both standby and sleep mode,
the internal IOVDD LDO regulator is powered down. If the user
is not externally supplying IOVDD, all IOVDD domain inputs and
outputs are disabled (all GPIOx and all LVDS data interface (see
the LVDS Data Interface section) and SPI data interface (see the
SPI Data Interface section) signals are disabled). In this specific
condition, it is still possible to write to the AD4080 SPI configuration
to issue a command to return to normal mode by writing to the
OPERATING_MODES bits in the device configuration register (see
the Device Configuration Register section) or to issue a software
reset (see the Software Reset section). As GPIOx is disabled, it is
not possible to perform any read activity on the SPI configuration
interface bus.
When IOVDD is externally supplied, and the device is put into
standby or sleep mode, the LVDS data interface is disabled; howev-
er, all GPIOx, SPI data interface, and SPI configuration interface
pins remain enabled and unaffected. While power is supplied exter-
nally to IOVDD within its specified range, previously acquired data
stored in the result FIFO can be access in either standby or sleep
mode.
Table 11 also indicates the wake-up times associated with each of
the modes. Wake-up time from sleep mode is significantly higher
than that of standby mode because time must be allowed for
the internal reference and common-mode buffers to re-enable and
to replenish charge to the internal capacitors. When returning to
normal mode, the specified wake-up time must be satisfied before
applying the first conversion start pulse. This specified time is the
time it takes from when the SPI command to exit the selected
power saving mode is written to the device configuration register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com