Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 4 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 4 Page - Analog Devices

  AD4080 Datasheet HTML 1Page - Analog Devices AD4080 Datasheet HTML 2Page - Analog Devices AD4080 Datasheet HTML 3Page - Analog Devices AD4080 Datasheet HTML 4Page - Analog Devices AD4080 Datasheet HTML 5Page - Analog Devices AD4080 Datasheet HTML 6Page - Analog Devices AD4080 Datasheet HTML 7Page - Analog Devices AD4080 Datasheet HTML 8Page - Analog Devices AD4080 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
Data Sheet
AD4080
SPECIFICATIONS
analog.com
Rev. A | 4 of 94
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
COMMON-MODE OUTPUT (CMO)
Absolute Output Voltage
VREFIN = 3.0 V
1.48
1.51
V
Noise
Bandwidth = 7.4 MHz
71
μV RMS
Noise Spectral Density
26.1
nV/√Hz
LOW DROPOUT REGULATORS (VDD11, IOVDD)
Input Voltage Range (VDDLDO)
1.4
2.7
V
Output Voltage
TA = 25°C, VDDLDO = 1.8 V
1.1
V
Start-Up Time
10
μs
LOW VOLTAGE DIFFERENTIAL SIGNALING
(LVDS) INPUT AND OUTPUT (EIA-644)
Data Format
Serial LVDS data output
Twos complement
LVDS Inputs (CLK± and CNV±)
IOVDD supply domain inputs.
Common-Mode Input Voltage, VICM
Default setting
700
1400
mV
Differential Input Voltage, VIDIFF
Default setting
100
600
mV
LVDS Outputs (DCO±, DA±, and DB±)
IOVDD supply domain outputs, differential
termination, load resistance (RL) = 100 Ω
Common-Mode Output Voltage, VOCM
LVDS_VOD = 001b
915
927
935
mV
LVDS_VOD = 010b (default)
840
851
860
mV
LVDS_VOD = 100b
695
706
715
mV
Differential Output Voltage, VODIFF
LVDS_VOD = 001b
370
395
420
mV
LVDS_VOD = 010b (default)
500
530
560
mV
LVDS_VOD = 100b
740
785
830
mV
DIGITAL INPUTS (CNV, CS, SCLK, and SDI)
VDD11 supply domain inputs
Input Voltage Tolerance
0
2.5
Logic Levels
Input Low Voltage, VIL
0
0.36 × VDD11
Input High Voltage, VIH
0.73 × VDD11
2.5
DIGITAL INPUTS (GPIOx, DCS, and DCLK)
IOVDD supply domain inputs
Input Voltage Tolerance
0
1.26
V
Logic Levels
Input Low Voltage, VIL
0
0.36 × IOVDD
V
Input High Voltage, VIH
0.73 × IOVDD
IOVDD
V
Input Current
Input Low Current, IIL
−1
+1
μA
Input High Current, IIH
−1
+1
μA
Input Pin Capacitance
4.5
pF
DIGITAL OUTPUTS (GPIOx)
IOVDD supply domain outputs
Logic Levels
Output Low Voltage, VOL
Sink current (ISINK) = 500 μA
0
0.15
V
Output High Voltage, VOH
Source current (ISOURCE) = 500 μA
IOVDD − 0.115
IOVDD
V
DIGITAL OUTPUTS (SDOx)
IOVDD supply domain outputs.
Data Format
Configured as serial data output
Twos complement
Logic Levels
VOL
ISINK = 500 μA
0
0.15
V
VOH
ISOURCE = 500 μA
IOVDD − 0.115
IOVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com