Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 67 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 67 Page - Analog Devices

Back Button AD4080 Datasheet HTML 63Page - Analog Devices AD4080 Datasheet HTML 64Page - Analog Devices AD4080 Datasheet HTML 65Page - Analog Devices AD4080 Datasheet HTML 66Page - Analog Devices AD4080 Datasheet HTML 67Page - Analog Devices AD4080 Datasheet HTML 68Page - Analog Devices AD4080 Datasheet HTML 69Page - Analog Devices AD4080 Datasheet HTML 70Page - Analog Devices AD4080 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 94 page
background image
Data Sheet
AD4080
DIGITAL FEATURES
analog.com
Rev. A | 67 of 94
Filter Result Ready Indicator
Setting the GPIO_x_SEL bits to 0011 configures the GPIO to output
the FILTER_RESULT_RDY signal, which is an active low logic
signal that indicates to the host controller when each new filter
result is complete. When LVDS is used to directly read out the filter
results, this indicator can alert the user when each new filtered
conversion result is available to read via the interface.
Filter Interface Timing Considerations
Continuous access to filtered data results is available only through
the LVDS data interface. SPI data interface access to filtered
results is only made via the FIFO. The timing considerations, in this
case, are described in the Filter Interface Timing Considerations
when Using the FIFO section. For use with the LVDS data interface,
it is recommended to use a GPIO, configured with the appropriate
GPIO_x_SEL (0011) to output the filter result ready (active low)
signal, as is shown in the example Figure 96 timing diagram.
Filter Interface Timing Considerations when
Using the FIFO
Figure 98 serves as an example to illustrate the sequence of events
in this mode of operation. This example illustrates a sinc1 filter with
a decimate by 2 setting, where three results (that is, WATERMARK
= 3) are configured to be stored in the FIFO. When using the
integrated digital filters with the FIFO, the filter must be reset prior
to each FIFO acquisition record. This reset must be given on the
first CNV rising edge, where the FILTER_SYNC signal must be
brought low at least 15 ns prior to the CNV edge and then released
at least 5 ns before the next rising edge. The first ADC result
is ready tMSB after the second CNV rising edge. This first ADC
result is latched into the filter on the third CNV rising edge. The
fourth CNV rising edge latches the second ADC result into the
digital filter. On the fifth rising edge, the first decimate by 2 result
is complete, which is indicated by the FILTER_READY signal going
active on the fifth rising edge. This first filtered result is loaded into
the FIFO on the sixth CNV rising edge. Because this example uses
WATERMARK = 3, when three filtered (that is, six core ADC results,
decimated by 2) results are loaded to the FIFO, the WATERMARK
is reached, and FIFO_FULL is asserted to indicate to the user that
a FIFO record is available to read via the configured data interface
(that is, the LVDS data lane(s) of the SPI data lane(s)). To initiate a
subsequent FIFO record acquisition of the filtered ADC results, the
user must start the whole sequence over, beginning again with the
reset of the digital filter by bringing the FILTER_SYNC signal low on
the first rising edge of CNV.
Figure 98. Description of Filter Timing with FIFO
SINC1 FILTER DECIMATE ×2
FIFO WATERMARK 3 (1, 2, 3)
CNV
FIFO_FULL
READ
READ
READ
X
1
1
2
2
3
3
X
X
1
1
2
2
3
3
X
VALID CNV COUNT
1
2
3
1
2
3
FILTER RESULT COUNT
1
2
3
1
2
3
FIFO COUNT
FILTER RESET IS REQUIRED
PRIOR TO INITIATING ACQUISTIONS
TO LOAD TO FIFO
FIFO FULL RETURNS
LOW AFTER FIRST RESULT
IS READ BY INTERFACE
INPUTS
OUTPUTS
INTERFACE
COUNTERS
CONTROL
SIGNALS
FILTER_SYNC
FILTER_RESULT_RDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com