| Electronic Components Datasheet Search |
|
AD4080 Datasheet(PDF) 45 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD4080 Datasheet(HTML) 45 Page - Analog Devices |
|
45 / 94 page ![]() Data Sheet AD4080 DIGITAL INTERFACE analog.com Rev. A | 45 of 94 Echo Clock Mode In LVDS data interface mode, the DCO+ and DCO− pin pair is an echo clock output that provides a buffered and delayed version of CLK+ and CLK− pin pair, facilitating data clocking to the host controller data clocking. This feature is controlled by the LVDS_SELF_CLK_MODE bit in the ADC Data Interface Configura- tion B register (see the ADC Data Interface Configuration B Regis- ter section, Address 0x16). By default, echo clock mode is active (LVDS_SELF_CLK_MODE = 0). Setting LVDS_SELF_CLK_MODE = 1 disables the DCO+ and DCO− output driver, putting the device in self clock mode (see the Self Clock Mode section) . When echo clock mode is active, the interface requires a minimum of three LVDS pairs (CLK+ and CLK−, DCO+ and DCO−, and DA+ and DA−) to be connected between the host controller and the AD4080. A maximum of five LVDS pairs are required if the CNV+ and CNV− pin pair is configured as an LVDS input and the DB+ and DB− data lane is enabled. The conversion clock (CNV+ and CNV−) and data clock (CLK+ and CLK−) can be shared amongst multiple AD4080 devices as long as care is taken to fanout the clock network, such that the edge placement requirement is satisfied. In echo clock mode, data from enabled lanes is clocked out in sync to both rising and falling edges of DCO+ and DCO− in a DDR scheme. Figure 73 and Figure 74 illustrate the relevant LVDS interface timing with respect to the DCO+ and DCO− echo clock for single lane and dual lane configurations, respectively. Calculation of tMSB_READ is described in the ADC Result Latency and LVDS Interface Alignment section. Consider matching the data clock (DCO+ and DCO−) and data lane (DA+ and DA−, DB+ and DB−) lane routing from the ADC to the host processor for the physical layout to minimize timing skew, which may affect data recovery in the host. For additional routing suggestions, see the Layout Guidelines section. CNV+ CLK+ DCO+ DA- CNV- CLK- DCO- D12 [N-2] D11 [N-2] D10 [N-2] D9 [N-2] D8 [N-2] D7 [N-2] D6 [N-2] D5 [N-2] D4 [N-2] D3 [N-2] D2 [N-2] D1 [N-2] D0 [N-2] D14 [N-1] D13 [N-1] D12 [N-1] D11 [N-1] D10 [N-1] D9 [N-1] D8 [N-1] D7 [N-1] D6 [N-1] D5 [N-1] D4 [N-1] D3 [N-1] D2 [N-1] D1 [N-1] D0 [N-1] D19 [N] D18 [N] DA+ tCYC tCNVH tCNVL tCCA tCLK tDCO tMSB_READ tDCOD Figure 73. Continuous Conversion Timing, LVDS Data Interface, Single Data Lane, Echo Clock Mode CNV+ CLK+ DCO+ DA- DB- CNV- CLK- DCO- D13 [N-2] D11 [N-2] D9 [N-2] D7 [N-2] D5 [N-2] D3 [N-2] D1 [N-2] D19 [N-1] D17 [N-1] D15 [N-1] D13 [N-1] D11 [N-1] D9 [N-1] D7 [N-1] D5 [N-1] D3 [N-1] D1 [N-1] D19 [N] D17 [N] DA+ D12 [N-2] D10 [N-2] D8 [N-2] D6 [N-2] D4 [N-2] D2 [N-2] D0 [N-2] D18 [N-1] D16 [N-1] D14 [N-1] D12 [N-1] D10 [N-1] D8 [N-1] D6 [N-1] D4 [N-1] D2 [N-1] D0 [N-1] D18 [N] D16 [N] DB+ tCYC tCNVH tCNVL tCCA tCLK tDCO tMSB_READ tDCOD Figure 74. Continuous Conversion Timing, LVDS Data Interface, Dual DataLane, Echo Clock Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |