Electronic Components Datasheet Search
  English  ▼

X  

AD4080 Datasheet(PDF) 72 Page - Analog Devices

Part # AD4080
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD4080 Datasheet HTML 68Page - Analog Devices AD4080 Datasheet HTML 69Page - Analog Devices AD4080 Datasheet HTML 70Page - Analog Devices AD4080 Datasheet HTML 71Page - Analog Devices AD4080 Datasheet HTML 72Page - Analog Devices AD4080 Datasheet HTML 73Page - Analog Devices AD4080 Datasheet HTML 74Page - Analog Devices AD4080 Datasheet HTML 75Page - Analog Devices AD4080 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 94 page
background image
Data Sheet
AD4080
CONFIGURATION REGISTERS
analog.com
Rev. A | 72 of 94
The features of the AD4080 family have been designed to simplify
the application of low latency data capture to a broad array of
measurement applications. This simplification is achieved through
customization of the data interface, data path, and data access
method to satisfy both measurement and the host processor inter-
face requirements via the available configuration registers.
The register space was organized in contiguous regions by function
to streamline device configuration as described in Table 30. As
a result, the interface streaming functions (see Instruction Mode
Selection) can be leveraged to simplify device configuration to a
single SPI frame consisting of an instruction word and associated
data. For most applications, modifications to the register space
address range of Address 0x15 to Address 0x29 are sufficient.
Modification of content in the configuration interface and product ID
space (Address 0x00 to Address 0x11) is only necessary to initiate
a software reset or to change the configuration access method.
Note that changes to the configuration access method are outside
the scope of this document. For assistance with these options,
contact your local Analog Devices sales representative or submit
a request for technical assistance through the Precision ADCs
page on the ADI Engineer Zone at https://ez.analog.com/data_con-
verters/precision_adcs/.
Table 30. Register Map Organization
Address Range
Function
0x00 to 0x11
Configuration interface and Product ID
0x14
Device status
0x15 to 0x17
Interface configuration
0x18 to 0x1B
Power and GPIO configuration
0x1C
General configuration
0x1C to 0x1E
FIFO configuration
0x1F to 0x24
Internal event detection
0x25 to 0x28
System error correction
0x29
Digital filter configuration
Table 31. Configuration Register Summary—Configuration Interface Functions (Address 0x00 to Address 0x11)
Addr Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset R/W
0x00 INTERFACE_
CONFIG_A
[7:0]
SW_
RESET
RE-
SERVED
ADDR_
ASCENSION
SDO_
ENABLE
RESERVED
SW_
RESETX
0x10
R/W
0x01 INTERFACE_
CONFIG_B
[7:0]
SINGLE_
INST
RESERVED
SHORT_
INSTRUC-
TION
RESERVED
0x00
R/W
0x02 DEVICE_
CONFIG
[7:0]
RESERVED
OPERATING_MODES
0x00
R/W
0x03 CHIP_TYPE
[7:0]
RESERVED
CHIP_TYPE
0x07
R
0x04 PRODUCT_
ID_L
[7:0]
PRODUCT_ID[7:0]
0x50
R
0x05 PRODUCT_
ID_H
[7:0]
PRODUCT_ID[15:8]
0x00
R
0x06 CHIP_GRADE [7:0]
GRADE
DEVICE_REVISION
0x02
R
0x0A SCRATCH_
PAD
[7:0]
SCRATCH_VALUE
0x00
R/W
0x0B SPI_
REVISION
[7:0]
SPI_TYPE
VERSION
0x83
R
0x0C VENDOR_L
[7:0]
VID[7:0]
0x56
R
0x0D VENDOR_H
[7:0]
VID[15:8]
0x04
R
0x0E STREAM_
MODE
[7:0]
LOOP_COUNT
0x00
R/W
0x0F TRANSFER_
CONFIG
[7:0]
RESERVED
KEEP_
STREAM_
LENGTH_VAL
RESERVED
0x00
R/W
0x10 INTERFACE_
CONFIG_C
[7:0]
CRC_ENABLE
STRICT_
REGISTER_
SEND_
STATUS
ACTIVE_INTERFACE_MODE
CRC_ENABLEB
0x23
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com