Electronic Components Datasheet Search
  English  ▼

X  

33800 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33800
Description  Engine Control Integrated Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33800 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33800 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33800
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Table 8. And/Or/SPI/Parallel Control
PWM FREQUENCY/DUTY CYCLE COMMAND
The PWM Frequency/Duty Cycle Command allows the
user to individually program a PWM output with a frequency
and duty cycle. Once the PWM Freq/DC registers are
programmed, the PWM output GD1, GD2, GD3 are
controlled via the AND/OR command and GD4, GD5, GD6
are controlled via the PWM pin Enable Command. Pre-driver
output control bits supersede the internal PWM controller.
GDx outputs must be commanded OFF for the controller to
function. (SeeTable 8)
The duty cycle of the PWM outputs is controlled by bits 0
through 6, inclusive. The duty cycle value is 1% per binary
count from 1 to 100 with counts of 101 through 127 defaulting
to 100%. For example:
Sending SPI WORD; 01100x1110001100
This would set PWM1 output to 1.28Khz frequency with a
12% duty cycle.
Table 9 defines the output frequency with the selected
input bits.
VDSNSX SHORT THRESHOLD COMMAND
The short fault threshold voltage of the external MOSFET
may be programmed via SPI. Table 10 illustrates the bit
pattern required for a particular short fault threshold. Open
load fault detect threshold is set internally to 2.5V and may
not be programmed.
VDSNSX SHORT FAULT TIMER COMMAND
The Short Fault Timer can be programmed via the SPI to
the values listed in Table 11, on page 24. When the 33800
detects an over-current condition, as defined by VDS
exceeding the programmed short fault voltage threshold, the
Rload
Measure
PWM Pin
EN
0 = en
1 = dis
AND/OR
Bit
0 = OR
1 = AND
ON/
OFF
Bit
PWM
Freq/
DC EN
Bit
PWM
Pin
Output
≠ 0
X
X
X
X
X
Rload
Measure
0
1
X
0
0
X
OFF
0
1
X
0
1
X
Freq/DC
0
1
X
1
X
X
ON
0
0
0
0
0
0
OFF
0
0
0
0
1
0
Freq/DC
0
0
0
X
X
1
ON
0
0
0
1
X
X
ON
0
0
1
0
0
X
OFF
0
0
1
X
0
0
OFF
0
0
1
0
1
X
Freq/DC
0
0
1
X
1
0
Freq/DC
0
0
1
1
X
1
ON
Table 9. Frequency Select
Frequency Select
Bits
987
Frequency Hz
000
10 Hz
001
20 Hz
010
40 Hz
011
80 Hz
100
160 Hz
101
320 Hz
110
640 Hz
111
1.28 kHz
Notes: Tolerance on selected frequency is +-10% with part
calibrated. On state short faults may not be detected if t_on_short >
1/f_pwm * duty_cycle * 0.98.Off state open faults may not be
detected if t_off_open > 1/fpwm * (1-duty_cycle) * 0.75.
Table 10. VDSNSx Fault Threshold Select
PWM VDS FLT
Bits
210
543
876
VDSNSx Fault Threshold Select
000
0.5V
001
1.0V
010
1.5V
011
2.0
100
2.5V
101
3.0V
110
No Change
111
No Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com