Electronic Components Datasheet Search
  English  ▼

X  

33800 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33800
Description  Engine Control Integrated Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33800 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33800 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33800
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33800 Simplified Internal Block Diagram
VPWR, VDD
POR
Oscillator
Bandgap
Sleep PWR
P1
Gate Control
Open/Short
+
PGND
RS
lLimit
53V
–
Outputs 1 to 8
OUT 1
to
OUT 8
SI
SCLK
CS
SO
VPWR
VDSNS4
VSSNS456
GD4
+
−
REXT
LRFDBK
Predriver4,5,6
Logic Control &
SPI Interface
Gate Control
Open/Short
+
CCGND
RS
lLimit
53V
–
CCD2 Outputs
CCD2_OUT
CCD2_REC
EN
VCAL
CCD1 Outputs
CCD1_REC
CCD1_OUT
CCGND
+
−
+
−
VCAL
DEFAULT
VPWR
VDSNS1
VSSNS123
GD1
Predriver1,2,3
VPWR
VDD
GND
+
−
VCAL
RI_REF
Exposed
Pad
40µA
80µA
P3
15µA
P5
15µA
P7
15µA
15µA
15µA
VDD
15µA
15µA
VDD
PWM1
15µA
PWM2
15µA
PWM3
15µA
PWM4
15µA
PWM5
15µA
PWM6
15µA
75µA
Differential
Amplifier
15µA
PGND
PGND
Gate Drive
Control &
Diagnostics
Gate Drive
Control &
Diagnostics
100K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com