Electronic Components Datasheet Search
  English  ▼

X  

33800 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33800
Description  Engine Control Integrated Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33800 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33800 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33800
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CONSTANT CURRENT SOLENOID DRIVER OUTPUT (CDD1_OUT) (CONTINUED)
Programmable Dither Amplitude Peak to Peak
Programmable from 0.0mA to 350mA in 50mA increments
IDITHER
-10
10
%
CCD1 Fault Detection Voltage Threshold
Outputs Programmed OFF
VOUT(FLTTH)
2.0
2.5
3.0
V
CCD1 Output Clamp Voltage
Outputs Programmed OFF
VOC
50
55
60
V
CCD1 Output Self Limiting Current
IOUT(LIM)
1.5
–
2.8
A
CCD1 Output Leakage Current
Pull-up enabled, Dither Off, CCD1OUT = VOC - 1.0V
Pull-up enabled, Dither Off, CCD1OUT = VPWR = 24V
ICCD1(LKG)
–
–
–
8000
20
µA
CCD1 Pull Up Current
Pull-up enabled, DAC = 000, CCD1OUT = CCD1REC = 2.0V
ICCD1(PULLUP)
-60
-40
-20
µA
CCD1 Pull Down Current
Pull-up disabled, DAC = 000, CCD1OUT = CCD1REC = 2.0V
ICCD1(PULLDOWN)
20
40
60
µA
CONSTANT CURRENT SOLENOID DRIVER OUTPUT (CCD2_OUT)
Drain-to-Source ON Resistance
TJ = 125°C, VPWR = 13V
TJ = 25°C, VPWR = 13V
TJ = -40°C, VPWR = 13V
RDSON
–
–
–
–
1.0
–
2.0
–
–
Ω
Internal Current Sense Resistor
DAC Value = 000, VCCD2REC = 0V, ICCD2OUT = 100mA
RSENSE = VCCD2OUT / ICCD2OUT
RSENSE
3.5
5.0
Ω
Current Regulation
DAC Value = 17C HEX +/- (4%)
DAC Value = 05F HEX +/- (10%)
Load Resistance = 32
Ω, Load Inductance = 130mH, Dither Off
ICCD2
166
38.9
173
43.2
180
47.5
mA
Programmable Dither Frequency
Programmable from 50Hz to 500Hz in 50Hz Increments after
Calibration
fDITHER
-10
10
%
Programmable Dither Amplitude Peak to Peak
Programmable from 0.0mA to 90mA in 10.9mA increments
IDITHER
-10
10
%
CCD2 Fault Detection Voltage Threshold
Outputs Programmed OFF
VOUT(FLTTH)
2.0
2.5
3.0
V
CCD2 Output Clamp Voltage
Outputs Programmed OFF
VOC
50
55
60
V
CCD2 Output Leakage Current
Pull-up enabled, Dither Off, CCD2OUT = VOC - 1.0V
Pull-up enabled, Dither Off, CCD2OUT = VPWR = 24V
ICCD2(LKG)
–
–
–
8000
20
µA
CCD2 Output Self Limiting Current
IOUT(LIM)
0.5
–
1.0
A
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 3.0V
≤ V
DD ≤ 5.5V, 9.0V ≤ VPWR ≤ 18V, - 40°C ≤ TA ≤ 125°C, GND = 0V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com