Electronic Components Datasheet Search
  English  ▼

X  

33800 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33800
Description  Engine Control Integrated Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33800 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33800 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33800
PIN CONNECTIONS
39
PGND3
Ground
OSS 3-8 Ground
This PGND pins provide a dedicated ground for the Octal Serial Switch
(OSS) low side driver outputs 3 - 8.
44
PGND2
Ground
OSS 2 Ground
This PGND pin provides a dedicated ground for the Octal Serial Switch
(OSS) low side driver output 2.
46
PGND1
Ground
OSS 1 Ground
This PGND pin provides a dedicated ground for the Octal Serial Switch
(OSS) low side driver output 1.
47
REXT
Output
Resistor External
Reference
The REXT pin is used to generate a reference current.
_
_
Ground
Exposed Pad Ground
The package exposed pad provides thermal conductivity for the die and
should be grounded to system ground.
Table 1. 33800 Pin Definitions(continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 16.
Pin Number
Pin Name
Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com