Electronic Components Datasheet Search
  English  ▼

X  

33800 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33800
Description  Engine Control Integrated Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33800 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33800 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33800
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
ANALOG VOLTAGE SUPPLY (VPWR)
The VPWR pin is battery input to the 33800 IC. The VPWR
pin requires external reverse battery and transient protection.
Maximum input voltage on VPWR is 45V. All IC analog
current and internal logic current is provided from the VPWR
pin. With VDD and EN applied to the IC, the application of
VPWR will perform a Power-ON Reset (POR).
DIGITAL VOLTAGE SUPPLY (VDD)
The VDD input pin is used to determine communication
logic levels between the microprocessor and the 33800
device. Current from VDD is used to drive SO output and pull-
up current for CS. VDD must be applied for Normal Mode
operation. Removing VDD from the IC will place the device in
Sleep Mode. Power-ON Reset will be performed with the
application of VDD supply.
GROUND (GND)
The GND pin provides a low current analog ground for the
IC. The VPWR and VDD supplies are both referenced to the
GND pin. GND pin should be used for decoupling both
supplies.
CONSTANT CURRENT DRIVER GROUND
(CCDX_GND)
The Constant Current Driver Ground (CCDX_GND) pins
provide dedicated grounds for the Constant Current output
drivers. Both CCDX_GND1 and CCDX_GND2 grounds are
isolated from the other grounds of the IC.
GROUND (PGND1 - 3, CCD1_GND, CCD2_GND)
There are three PGND pins associated with the OSS
drivers. OUT1 driver and OUT2 driver have dedicated
PGND1 & PGND2 pins. Drivers OUT3 through Driver OUT8
share one PGND3 pin. In general all ground pins must be
connected together and terminated to ground on the circuit
board.
SOURCE VOLTAGE SENSE (VSSNS123,
VSSNS456)
The Source Sense Ground pins (VSSNS123, VSSNS456)
provide dedicated grounds for the hex MOSFET pre-drivers.
The pins are used by the IC to monitor the drain to source
voltage of the external MOSFET. This pin must be connected
to the source of the external MOSFET and system ground.
VSSNS123 and VSSNS456 ground pins are isolated from
other internal IC grounds.
SERIAL CLOCK INPUT (SCLK)
The system clock (SCLK) pin clocks the internal shift
register of the 33800. The SI data is latched into the input
shift register on the rising edge of SCLK signal. The SO pin
shifts status bits out on the falling edge of SCLK. The SO data
is available for the MCU to read on the rising edge of SCLK.
With CS in a logic high state, signals on the SCLK and SI pins
will be ignored and the SO pin is tri-state.
CHIP SELECT (CS)
The system MCU selects the 33800 to receive
communication using the chip select (CS) pin. With the CS in
a logic low state, command words may be sent to the 33800
via the serial input (SI) pin, and status information is received
by the MCU via the serial output (SO) pin. The falling edge of
CS enables the SO output and transfers status information
into the SO buffer.
Rising edge of the CS initiates the following operation:
1. Disables the SO driver (high-impedance)
2. Activates the received command word, allowing the
33800 to activate/deactivate output drivers.
To avoid any spurious data, it is essential the high-to-low
and low-to-high transitions of the CS signal occur only when
SCLK is in a logic low state. Internal to the 33800 device is an
active pull-up to VDD on CS. In cases were voltage exists on
CS without the application of VDD, no current will flow from
CS to the VDD pin.
SERIAL INPUT DATA (SI)
The SI pin is used for serial instruction data input. SI
information is latched into the input register on the rising edge
of SCLK. A logic high state present on SI will program a one
in the command word on the rising edge of the CS signal. To
program a complete word, 16-bits of information must be
entered into the device.
SERIAL OUTPUT DATA (SO)
The SO pin is the output from the shift register. The SO pin
remains tri-stated until the CS pin transitions to a logic low
state. All normal operating drivers are reported as zero, all
faulted drivers are reported as one. The negative transition of
CS enables the SO driver.
The SI/SO shifting of the data follows a first-in-first-out
protocol, with both input and output words transferring the
most significant bit (MSB) first.
ENABLE (EN)
The ENABLE pin is an active high digital input pin used to
enable the device. With the EN pin low the device is in Sleep
Mode. With the EN pin high, the device is in Normal Mode
(VDD and VPWR applied). Exit from Sleep Mode initiates a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com