Electronic Components Datasheet Search
  English  ▼

X  

33800 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33800
Description  Engine Control Integrated Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33800 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33800 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33800
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 3.0V
≤ V
DD ≤ 5.5V, 9.0V ≤ VPWR ≤ 18V, - 40°C ≤ TA ≤ 125°C, GND = 0V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT (VPWR, VDD)
Supply Voltage
Fully Operational
VPWR(FO)
5.0
–
36
V
Supply Current
All Outputs Disabled (Normal & Default Mode)
IPWR(ON)
–
10.0
14.0
mA
Sleep State Supply Current
VDD ≤ 0.8 V, VPWR = 18V
EN
≤ 0.8 V, V
DD = 5.5V
IPWR(SS)
IVDD(SS)
–
–
10
2.0
30
5.0
µA
VPWR Over-voltage Shutdown Threshold Voltage
(4)
VPWR(OV)
36.5
39
44
V
VPWR Over-voltage Shutdown Hysteresis Voltage
VPWR(OVHYS)
0.5
1.5
3.0
V
VPWR Under-voltage Shutdown Threshold Voltage
(5)
VPWR(UV)
3.0
4.0
4.4
V
VPWR Under-voltage Shutdown Hysteresis Voltage
VPWR(UVHYS)
100
200
650
mV
Logic Supply Voltage
VDD
3.0
–
5.5
V
Logic Supply Current
Static Condition
IDD
180
300
525
µA
Logic Supply Under-voltage Shutdown Threshold Voltage (5)
VDD(UV)
0.8
2.5
2.8
V
Logic Supply Under-voltage Hysteresis
VDD(UVHYS)
100
–
650
mV
Internally Generated VCAL
(6)
VBIAS
2.2
2.5
2.8
V
CONSTANT CURRENT SOLENOID DRIVER OUTPUT (CCD1_OUT)
Drain-to-Source ON Resistance
TJ = 125°C, VPWR = 13V
TJ = 25°C, VPWR = 13V
TJ = -40°C, VPWR = 13V
RDS(ON)
–
–
–
–
0.25
–
0.60
–
–
Ω
Internal Current Sense Resistor
DAC Value = 000, VCCD1REC = 0.0V, ICCD1OUT = 100mA
RSENSE = VCCD1OUT / ICCD1OUT
RSENSE
0.7
1.2
Ω
Current Regulation
DAC Value = 17C HEX +/- (3%)
DAC Value = 05F HEX +/- (15%)
Load Resistance = 5
Ω, Load Inductance = 10mH, Dither Off
ICCD1
775
157
800
200
823
235
mA
Programmable Dither Frequency
Programmable from 50Hz to 500Hz in 50Hz Increments after
Calibration
fDITHER
-10
10
%
Notes
4.
Over-voltage thresholds minimum and maximum include hysteresis.
5.
Under-voltage thresholds minimum and maximum include hysteresis.
6.
Using the internally generated VCAL increases all applicable parametric tables by +- 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com