Electronic Components Datasheet Search
  English  ▼

X  

33800 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 33800
Description  Engine Control Integrated Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33800 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 33800 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
33800
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
CCD2 CONSTANT CURRENT CONTROLLER
The CCD2 constant current controller is a switching
hysteretic current controller with a superimposed dither. The
controller is designed to provide a programmable constant
current through a solenoid valve. By controlling current
through the solenoid valve, fluid flow control is achieved.
The master SPI device sends 16-bit command words to
the 33800 device (see Table 18). The master device sets up
the output current based on the CCD2 Control command.
The IC is capable of sinking an average output current from
0.0mA to 232mA (without dither). If operating the device with
dither, the DAC + Dither value must be less than 232mA or
Table 15. CCD1 Constant Current Controller Commands
Command
Control Address
Command Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CCD1 Command Address
Diag
Pull Up
DTHR
DIS
9 BIT DAC Command Data
CCD1 Control
0 = Pull Down
Current Source
1 = Pull Up Current
Source
1
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
CCD1 Command Address
CCD1
Retry
ON/
OFF
CCD1
DIS
TLim
EN
Dither Amplitude
Dither Frequency
CCD1 Frequency
& Amplitude
1
0
1
1
1
1
0
0
1
0
1
1
0
1
0
0
Next SO Response
(Message 2)
0 = No Fault, 1 =
Fault
OvrVlt
TLim or
CAL Flt
Reset
Trim
Set(19)
VCAL
Status
int=0
ext=1
Open
Fault
CCD2
Short
Fault
CCD2
Open
Fault
CCD1
Short
Fault
CCD1
Fault
Status
OUT8
Fault
Status
OUT7
Fault
Status
OUT6
Fault
Status
OUT5
Fault
Status
OUT4
Fault
Status
OUT3
Fault
Status
OUT2
Fault
Status
OUT1
Notes
19.
Trim Set bit indicates (0=untrimmed, 1= trimmed)
20.
VCAL Status bit indicates when internal or external supply is used. VCAL Bit = 0 indicates external, VCAL Bit = 1indicates internal.
21.
Reset Bit indicates the device has performed a POR.
22.
CCD1 DISable bit allows the CCD1 driver to operate as a standard 1.0A low side driver. With CCD1_DIS bit = 1 the CCD1 function is
disabled.
Table 16. CCD1 Dither Frequency Select
Bits 3210
Dither Frequency
0000
Dither Off
0001
50Hz
0010
100Hz
0011
150Hz
0100
200Hz
0101
250Hz
0110
300Hz
0111
350Hz
1000
400Hz
1001
450Hz
1010
500 Hz
1011
133Hz
1100
166Hz
1101
233Hz
1110
266Hz
1111
No change
Notes: Frequencies above 250Hz are +- 20%
Table 17. CCD1 Dither Amplitude Select
Bits 654
Dither Amplitude
000
Dither Off
001
50.4mA
010
100.8mA
011
151.2mA
100
201.6mA
101
252.0mA
110
302.4mA
111
352.8mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com