Electronic Components Datasheet Search
  English  ▼

X  

33800 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 33800
Description  Engine Control Integrated Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33800 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 33800 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
33800
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
POWER SUPPLY
The 33800 is designed to operate from 5.0 to 36V on the
VPWR pin. The VPWR pin supplies power to all internal
regulators, analog and logic circuit blocks. The VDD supply is
used for setting communication threshold levels and
supplying power to the SO driver. This IC architecture
provides flexible microprocessor interfacing with low
quiescent current Sleep Modes.
POWER-ON RESET (POR)
Applying VPWR, VDD and EN to the device will cause a
Power On Reset (POR) and place the device in Normal or
Default Mode.
Command register settings from Power-ON Reset (POR)
via VPWR or VDD are as follows:
• All Outputs Off
• Inputs Enabled and OR’d with SPI Bit.
• PWM Frequency and Duty Cycle Control Disabled.
• OSS Open Load Detect Current Enabled.
• OSS Outputs with Individual Control.
• Control Inputs P1,P3,P5,P7 Enabled and OR’d with the
SPI Bit.
• CCD1 Output Off, Diagnostic Pull-up Enabled, DAC = 0.
• CCD2 Output Off, Diagnostic Pull-up Enabled, DAC = 0.
Power On Reset circuit incorporates a 0.5µs timer to
prevent high frequency transients from causing a POR.
During the low-voltage condition, internal logic states are
maintained. To guarantee a POR from VPWR, the VPWR pin
must be less than 0.2V for greater than 1.0µs.
MODES OF OPERATION
The 33800 has three operating modes, Normal, Sleep and
Default Mode. A discussion on Normal Mode follows.
NORMAL MODE
Normal Mode allows full functional control of the device.
Transferring from Sleep Mode to Normal Mode performs a
POR and resets all internal registers to the POR state. When
entering Normal Mode from Default Mode, no POR is
performed and register states are maintained.
Features programmed in Normal Mode are listed below.
Further explanation of each feature is provided in subsequent
paragraphs.
• Programmable PWM Frequency & Duty Cycle
• Programmable PWM Drain Fault Threshold
• CCD2 Constant Current Dither Frequency and Amplitude
• CCD2 DAC Programming
• CCD1 Constant Current Dither Frequency and Amplitude
• CCD1 DAC Programming
• On/Off OSS Open Load Detect Current
• Calibration of Timers (Calibration Command)
•Reset (Reset Command)
• No Operation (NO_OP Command)
DEFAULT MODE
The Default Mode allows the user to disable all outputs
except the PWM pre-driver. In Default Mode the PWM pre-
driver outputs may only be controlled via the PWM input pins.
All register control bits and fault bits are maintained in Default
Mode, however control for the pre-driver is accomplished
through the PWM pins only.
With the DEFAULT pin HIGH, the device is placed in
Default Mode. When exiting Default Mode, output control
reverts to the internal register settings.
In Default Mode the device operates with the following
parameters.
1. OSS outputs are disabled.
2. CCD1 and CCD2 outputs are disabled.
3. SPI ON/OFF control of GATE DRIVE (GD1 to GD6)
outputs is disabled. PWMx input control is enabled. The
device will operate as programmed prior to Default Mode.
In Default Mode the device retains all register information
and output status information. Normal operation will resume
when the DEFAULT pin transitions low again.
SLEEP MODE
Sleep Mode is entered by placing a logic [0] on the
ENABLE or VDD pins. All outputs are commanded off and the
device enters a low quiescent current state.
Table 5. Modes of Operation
VPWR
VDD
ENable
DEFAULT
MODE
L
X
X
X
Power
Off
H
L
X
X
SLEEP
H
H
L
X
SLEEP
H
H
H
L
NORMAL
H
H
H
H
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com