Electronic Components Datasheet Search
  English  ▼

X  

33800 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33800
Description  Engine Control Integrated Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33800 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33800 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33800
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 3.0V
≤ V
DD ≤ 5.5V, 9.0V ≤ VPWR ≤ 18V, - 40°C ≤ TA ≤ 125°C, GND = 0V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
CONSTANT CURRENT SOLENOID DRIVER OUTPUT (CCD1_OUT)
On State Open Load Detect Timer(10)
Fault is detected with driver on, timer expired
tONOPENTIMER
6.0
12
24
ms
Off State Open Load Detect Timer(10)
Fault detected with driver off & voltage threshold not achieved
(Driver off timer)
tOFFOPENTIMER
30
60
90
µs
On State Shorted Load Detect Timer(10)
Fault is detected with driver switching and drain voltage remains greater
than threshold for specified time.
tONSHORTTIMER
30
60
90
µs
Short Retry Time(10)
tRETRY
10
14
24
ms
Output Slew Rate
VBAT = 14V, Measured from 4.0V to 10.0V
VBAT = 14V, Measured from 10.0V to 4.0V
tSR(RISE)
tSR(FALL)
2.0
-2.0
3.0
-3.0
4.0
-4.0
V/
µs
Driver On Time Blanking Period(10)
tBP(OFF)
7.0
10
µs
Driver Off Time Blanking Period(10)
tBP(ON)
7.0
10
µs
CONSTANT CURRENT SOLENOID DRIVER OUTPUT (CCD2_OUT)
On State Open Load Detect Timer(10)
Fault is detected with driver on, timer expires (Driver on timer)
tONOPENTIMER
6.0
12
24
ms
Off State Open Load Detect Timer(10)
Fault is detected with driver off and voltage threshold is not achieved.
(Driver off timer)
tOFFOPENTIMER
30
60
90
µs
On State Shorted Load Detect Timer(10)
Fault is detected with driver switching and drain voltage remains greater
than threshold for specified time.
tONSHORTTIMER
30
60
90
µs
Short Retry Time(10)
tRETRY
10
14
24
ms
Output Slew Rate
VBAT = 14V, Measured from 4.0V to 10.0V
VBAT = 14V, Measured from 10.0V to 4.0V
tSR(RISE)
tSR(FALL)
1.5
-1.5
–
–
4.0
-4.0
V/
µs
CCD2 DAC Update Rate(10)
Response time from present current level to new programmed level
tRESPONSE
1.0
ms
Driver On Time Blanking Period(10)
tBP(ON)
3.0
4.3
µs
Driver Off Time Blanking Period(10)
tBP(OFF)
12
17.2
µs
OCTAL SERIAL DRIVERS (OUT1 - OUT8)
Output On Current Limit Fault Filter Timer(10)
tCL
30
50
90
µs
Output Refresh Timer(10)
tREF
5.0
10
15
ms
Output On Short Circuit Fault Filter Timer(10)
tSC
400
500
650
µs
Notes
10.
Assumes oscillator has been calibrated using SPI Calibrate Command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com