Electronic Components Datasheet Search
  English  ▼

X  

33800 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33800
Description  Engine Control Integrated Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33800 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33800 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33800
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
PREDRIVER OUTPUT FUNCTION (GD1 - GD6) (CONTINUED)
Drain Sense Fault Detection Current
Gate Drive Off, VDS = 18V
IDSNS(flt-sns)
40
180
400
µA
Output Clamp Voltage
Driver Command Off, VGATE = 2.0V
VOC
50
55
60
V
Sleep Mode Drain Sense Leakage Current
VDD = 0.0V, VDSNS = 24V,
IDSNS(LKG)
–
–
25
µA
Load Resistance Feedback Accuracy Sample and Hold After 150ms
REXT = 24ohm, RLOAD = 10ohm, LRFDBK = VCAL*2.5*(RLOAD/REXT)
LRFBCKACC
-10%
2.6
+10%
V
Load Resistance Feedback Output Voltage
(VDSNS1 - VDSNS2) ≥ 10V, PWM Diagnostics Select = 0001
LRFBCKMax
6.0
V
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 3.0V
≤ V
DD ≤ 5.5V, 9.0V ≤ VPWR ≤ 18V, - 40°C ≤ TA ≤ 125°C, GND = 0V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com