Electronic Components Datasheet Search
  English  ▼

X  

33800 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 33800
Description  Engine Control Integrated Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33800 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 33800 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
33800
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
33800 will wait for the Short Fault Time period and then shut
down the output drive, setting the fault status bit to a 1 in the
Serial Output Response Register.
Example: Load Measurement Operation
To perform an accurate load resistance measurement the
33800 device uses an alternate channel to determine a
differential load voltage and forces a known load current.
With the differential load voltage and the forced current the
load resistance is calculated. As shown in Table 6, channel 2
is used as the battery reference for the load measurement of
channel 1. The current through the channel 1 load is set by
the external resistor. Setting the resistance to 25
Ω forces a
current of 100mA. The measurement is sampled within
200µs and is held for 150ms on the Load Resistance
Feedback (LRFDBK) output. The differential amplifier has a
fixed gain of 2.5V. Hence for this example, a 10
Ω load will
produce a 2.5V output. When a second pair is selected for
measurement, the sample and hold is reset and the
measurement is immediately directed to the new load
measurement. The previous pair immediately revert back to
normal operation.
Figure 9. Example of Channel 1 Measurement
OCTAL OUTPUT DRIVER (OCTAL SERIAL
SWITCH; OSS)
The 33800 provides flexible control of 8 low side driver
outputs. Outputs 1 and 2 are specifically designed with higher
current limit to accommodate lamp inrush current. The device
allows for parallel control and/or SPI control through the use
of several input command words. This section describes the
logic operation and commands for the octal driver.
The 33800 Octal Output Driver message set consists of
eight commands, and one response as shown in Table 12.
Bits 11 through 15 determine the specific command and bits
0 through 10 determine how a specific output will operate.
The 33800 operates on the command word on the rising edge
of CS. The Most Significant Bit (MSB) is sent and received
first.
Note Upon Power-ON Reset all OSS bits are defined as
shown in Table 12.
Table 11. PWM Short Fault Timer
PWM FLT Timer
Bits
210
543
876
Fault Timer Select
000
30µs
001
60µs
010
120µs
011
240µs
100
480µs
101
960µs
110
No Change
111
No Change
Notes: Tolerance on fault timer setting is
±10% with calibrated part.
VPWR
VDSNS2
VSSNS123
GD2
Gate Drive
Control &
Diagnostics
+
−
REXT
LRFDBK
Predriver 2
+
−
+
−
VCAL
VPWR
VDSNS1
VSSNS123
GD1
Predriver 1
Differential
Amplifier
Gate Drive
Control &
Diagnostics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com