Electronic Components Datasheet Search
  English  ▼

X  

33800 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33800
Description  Engine Control Integrated Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33800 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33800 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33800
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
SPI DIGITAL INTERFACE (SO, SI, CS, SCLK) (CONTINUED)
Sleep Mode EN and DEFAULT Input Current
VD D = 0.0V, VEN = 5.0V, VD E FA U LT = 5.0V
ILOGICSS
-10
–
10
µA
Normal Mode Input Logic Pull-down Current(9)
0.8V to 5.0V
ILOGICPD
5.0
15
25
µA
Normal Mode DEFAULT Pull-up Current
IDEFAULTPU
-5.0
–
-25
µA
SCLK, Tri-state SO Output
0.0V to 5.0V
ISCLK, ITRISO
-10
–
10
µA
CS
Input Current
CS
= VDD
ICS
-10
–
10
µA
CS
Pull-up Current
CS
= 0.0V
ICSPU
-5.0
–
-30
µA
CS
Leakage Current to VDD
CS
= 5.0V, VDD = 0.0V
ICS(LKG)
–
–
10
µA
SO High-state Output Voltage
ISOHIGH = -1.0mA
VSOHIGH
VDD - 0.4
–
–
V
SO Low-state Output Voltage
ISOLOW = 1.0mA
VSOLOW
–
–
0.4
V
EN Input Pull-down Current
EN = VDD
IENPD
10
50
100
µA
PREDRIVER OUTPUT FUNCTION (GD1 - GD6)
Gate Drive Output Voltage
IGATEDRIVE = 100µA
IGATEDRIVE = - 100µA
VGS(ON)
VGS(OFF)
5.0
–
7.0
0.2
9.0
0.5
V
Gate Drive Sink and Source Current
IGATEDRIVE
–
2.0
5.0
mA
Sleep Mode Gate to Source Resistor
RGS(PULLDOWN)
65
200
300
K
Ω
Short Fault Detection Voltage Threshold
VDD = High, Outputs Programmed ON
Programmable from 0.5V to 3.0V in 0.5V increments.
VDS(FLTTH)
-20%
+20%
V
Open Fault Detection Voltage Threshold
VDD = High, Outputs Programmed OFF
VDS(FLTTH)
2.0
2.5
3.0
V
Notes
9.
Parameter applies to P1, P3, P5, P7, PWM1 to PWM6, SI and VCAL, and are guaranteed by design.
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 3.0V
≤ V
DD ≤ 5.5V, 9.0V ≤ VPWR ≤ 18V, - 40°C ≤ TA ≤ 125°C, GND = 0V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com