Electronic Components Datasheet Search
  English  ▼

X  

33800 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33800
Description  Engine Control Integrated Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33800 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33800 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33800
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CONSTANT CURRENT SOLENOID DRIVER OUTPUT (CCD2_OUT) (CONTINUED)
CCD2 Pull Up Current
Pull-up enabled, DAC = 000, CCD1OUT = CCD1REC = 2.0V
ICCD2(PULLUP)
-60
-40
-20
µA
CCD2 Pull Down Current
Pull-up disabled, DAC = 000, CCD2OUT = CCD2REC = 2.0V
ICCD2(PULLDOWN)
20
40
60
µA
OCTAL SERIAL DRIVERS (OUT1 - 8)
Drain-to-Source ON Resistance (OUT1 - 2)
IOUT = 0.350A, TJ = 125°C, VPWR = 13V
IOUT = 0.350A, TJ = 25°C, VPWR = 13V
IOUT = 0.350A, TJ = -40°C, VPWR = 13V
RDS (ON)
–
–
–
–
0.7
–
1.4
–
–
Ω
Drain-to-Source ON Resistance (OUT3 - 8)
IOUT = 0.350A, TJ = 125°C, VPWR = 13V
IOUT = 0.350A, TJ = 25°C, VPWR = 13V
IOUT = 0.350A, TJ = -40°C, VPWR = 13V
RDS (ON)
–
–
–
–
1.0
–
1.7
–
–
Ω
Output Self Limiting Current
Output 3 to Output 8
Output 1, Output 2
IOUT(LIM)
1.0
4.0
–
–
2.0
6.0
A
Output Fault Detection Voltage Threshold.(7)
Outputs Programmed OFF
VOUT(FLTTH)
2.0
2.5
3.0
V
Output OFF Open Load Detection Current
VDrain = 18V, Outputs Programmed OFF
IOCO
40
75
100
µA
Output Clamp Voltage Low Side Drive
ID = 20mA
VOC
50
55
60
V
Output Leakage Current
VDD = 5.0V, VDrain = 24V, Open Load Detection Current Disabled
VDD = 5.0V, VDrain = VOC - 1.0V, Open Load Detection Current
Disabled
VDD = 0V, VDrain = 24V, Device Disabled
IOUT(LKG)
–
–
–
–
–
–
20
3000
10
µA
Over-temperature Shutdown(8)
TLim
155
–
185
°C
Over-temperature Shutdown Hysteresis(8)
TLim(HYS)
5.0
10
15
°C
SPI DIGITAL INTERFACE (SO, SI, CS, SCLK)
Input Logic High-voltage Thresholds(8)
VIH
0.7 x VDD
–
VDD + 0.3
V
Input Logic Low-voltage Thresholds(8)
VIL
GND - 0.3
–
0.2 x VDD
V
Input Logic Voltage Hysteresis(8)
VHYS
100
–
300
mV
Input Logic Capacitance(8)
CIN
–
–
20
pF
Sleep Mode Input Logic Current(8)
VDD = 0.0V
ILOGICSS
-10
–
10
µA
Notes
7.
Output fault detection thresholds with outputs programmed OFF. Output fault detect thresholds are the same for output open and shorts.
8.
This parameter is guaranteed by design, however is not production tested.
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 3.0V
≤ V
DD ≤ 5.5V, 9.0V ≤ VPWR ≤ 18V, - 40°C ≤ TA ≤ 125°C, GND = 0V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com