Electronic Components Datasheet Search
  English  ▼

X  

ADS5237 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5237
Description  Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5237 Datasheet(HTML) 5 Page - Texas Instruments

  ADS5237 Datasheet HTML 1Page - Texas Instruments ADS5237 Datasheet HTML 2Page - Texas Instruments ADS5237 Datasheet HTML 3Page - Texas Instruments ADS5237 Datasheet HTML 4Page - Texas Instruments ADS5237 Datasheet HTML 5Page - Texas Instruments ADS5237 Datasheet HTML 6Page - Texas Instruments ADS5237 Datasheet HTML 7Page - Texas Instruments ADS5237 Datasheet HTML 8Page - Texas Instruments ADS5237 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.ti.com
ADS5237
SBAS420A – AUGUST 2007 – REVISED OCTOBER 2007
ELECTRICAL CHARACTERISTICS (continued)
TMIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = 65MSPS, 50% clock duty cycle,
AVDD = 3.3V, VDRV = 3.3V, transformer-coupled inputs, –1dBFS, ISET = 56.2kΩ, and internal voltage reference, unless
otherwise noted.
ADS5237
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Differential input capacitance
3
pF
Analog input common-mode range
VCM ±0.05
V
Differential input voltage range
Internal reference
2.02
VPP
External reference
2.02
× (VREF
T – VREFB)
VPP
Voltage overload recovery time(8)
3
CLK
cycles
–3dBFS input, 25
Ω series
Input bandwidth
300
MHz
resistance
DIGITAL DATA INPUTS
Logic family
+3V CMOS Compatible
VIH High-level input voltage
VIN = 3.3V
2.2
V
VIL Low-level input voltage
VIN = 3.3V
0.6
V
CIN Input capacitance
3
pF
DIGITAL OUTPUTS
Data format
Straight offset binary(9)
Logic family
CMOS
Logic coding
Straight offset binary or BTC
Low output voltage (IOL = 50μA)
+0.4
V
High output voltage (IOH = 50μA)
+2.4
V
3-state enable time
2
Clocks
3-state disable time
2
Clocks
Output capacitance
3
pF
SERIAL INTERFACE
SCLK Serial clock input frequency
20
MHz
CONVERSION CHARACTERISTICS
Sample rate
20
65
MSPS
Data latency
6
CLK
cycles
(8)
A differential ON/OFF pulse is applied to the ADC input. The differential amplitude of the pulse in its ON (high) state is twice the
full-scale range of the ADC, while the differential amplitude of the pulse in its OFF (low) state is zero. The overload recovery time of the
ADC is measured as the time required by the ADC output code to settle within 1% of full-scale, as measured from its mid-code value
when the pulse is switched from ON (high) to OFF (low).
(9)
Option for binary two’s complement output.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS5237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com