Electronic Components Datasheet Search
  English  ▼

X  

ADS5237 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5237
Description  Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5237 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5237 Datasheet HTML 13Page - Texas Instruments ADS5237 Datasheet HTML 14Page - Texas Instruments ADS5237 Datasheet HTML 15Page - Texas Instruments ADS5237 Datasheet HTML 16Page - Texas Instruments ADS5237 Datasheet HTML 17Page - Texas Instruments ADS5237 Datasheet HTML 18Page - Texas Instruments ADS5237 Datasheet HTML 19Page - Texas Instruments ADS5237 Datasheet HTML 20Page - Texas Instruments ADS5237 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
www.ti.com
Temperature( C)
°
95
90
85
80
75
70
65
60
55
-40
-15
+60
+10
+35
+85
f
=5MHz
IN
SNR
SFDR
Temperature( C)
°
405
390
375
360
345
330
-40
+10
+35
+60
-15
+85
f
=5MHz
IN
InputAmplitude(dBFS)
70
60
50
40
30
20
10
0
-50
-30
-20
-10
-40
0
f
=10MHz
IN
dBFS
dBc
InputAmplitude(dBFS)
90
80
70
60
50
40
30
20
10
0
-50
-30
-20
-10
-40
0
f
=10MHz
IN
dBFS
dBc
ADS5237
SBAS420A – AUGUST 2007 – REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS (continued)
TMIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = 65MSPS, 50% clock duty cycle,
AVDD = 3.3V, VDRV = 3.3V, transformer-coupled inputs, –1dBFS, ISET = 56.2kΩ, and internal voltage reference, unless
otherwise noted.
DYNAMIC PERFORMANCE vs TEMPERATURE
POWER DISSIPATION vs TEMPERATURE
Figure 13.
Figure 14.
SWEPT POWER — SNR
SWEPT POWER — SFDR
Figure 15.
Figure 16.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ADS5237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com