Electronic Components Datasheet Search
  English  ▼

X  

ADS5237 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5237
Description  Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5237 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5237 Datasheet HTML 6Page - Texas Instruments ADS5237 Datasheet HTML 7Page - Texas Instruments ADS5237 Datasheet HTML 8Page - Texas Instruments ADS5237 Datasheet HTML 9Page - Texas Instruments ADS5237 Datasheet HTML 10Page - Texas Instruments ADS5237 Datasheet HTML 11Page - Texas Instruments ADS5237 Datasheet HTML 12Page - Texas Instruments ADS5237 Datasheet HTML 13Page - Texas Instruments ADS5237 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
ADS5237
SBAS420A – AUGUST 2007 – REVISED OCTOBER 2007
Table 1. SERIAL REGISTER MAP(1)(2)
ADDRESS
DATA
DESCRIPTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
X
X
X
0
Normal mode
0
0
0
0
X
X
X
1
Power-down both channels
0
0
0
0
X
X
0
X
Straight offset binary output
0
0
0
0
X
X
1
X
Binary two's complement output
0
0
0
0
X
0
X
X
Channel B digital outputs enabled
0
0
0
0
X
1
X
X
Channel B digital outputs 3-stated
0
0
0
0
0
X
X
X
Channel A digital outputs enabled
0
0
0
0
1
X
X
X
Channel A digital outputs 3-stated
0
0
1
0
0
0
0
0
Normal mode
0
0
1
0
0
1
0
0
All digital outputs set to '1'
0
0
1
0
1
0
0
0
All digital outputs set to '0'
0
0
1
1
0
0
X
0
Normal mode
0
0
1
1
1
X
X
0
Channel A powered down
0
0
1
1
X
1
X
0
Channel B powered down
0
0
1
1
X
X
0
0
PLL enabled (default)
0
0
1
1
X
X
1
0
PLL disabled
(1)
X = do not care.
(2)
Shown for the case where serial interface is used.
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com