Electronic Components Datasheet Search
  English  ▼

X  

ADS5237 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5237
Description  Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5237 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5237 Datasheet HTML 17Page - Texas Instruments ADS5237 Datasheet HTML 18Page - Texas Instruments ADS5237 Datasheet HTML 19Page - Texas Instruments ADS5237 Datasheet HTML 20Page - Texas Instruments ADS5237 Datasheet HTML 21Page - Texas Instruments ADS5237 Datasheet HTML 22Page - Texas Instruments ADS5237 Datasheet HTML 23Page - Texas Instruments ADS5237 Datasheet HTML 24Page - Texas Instruments ADS5237 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.ti.com
External Reference
SNR=20Log
10
1
(2 f t )
p IN JA
(1)
PLL CONTROL
OUTPUT INFORMATION
CLOCK INPUT
ADS5237
SBAS420A – AUGUST 2007 – REVISED OCTOBER 2007
IF-sampling applications; for example, where the
sampling frequency is lower than the input frequency
The ADS5237 also supports the use of external
(under-sampling). The following equation can be used
reference voltages. External reference voltage mode
to calculate the achievable SNR for a given input
involves applying an external top reference at REFT
frequency and clock jitter (tJA in psRMS):
(pin 53) and a bottom reference at REFB (pin 54).
Setting the ADS5237 for external reference mode
also requires taking the INT/EXT pin low. In this
mode, the internal reference buffer is 3-stated.
The ADS5237 enters into a power-down mode if the
Because the switching current for the two ADC
sampling
clock
rate
drops
below
a
limit
of
channels
comes
from
the
externally-forced
approximately
2MSPS.
If
the
sampling
rate
is
references, it is possible for the device performance
increased
above
this
threshold,
the
ADS5237
to be slightly lower than when the internal references
automatically resumes normal operation.
are used. It should be noted that in external reference
mode, VCM and ISET continue to be generated from
the internal bandgap voltage, as they are in the
internal reference mode. Therefore, it is important to
The ADS5237 has an internal PLL that is enabled by
ensure
that
the
common-mode
voltage
of
the
default. The PLL enables a wide range of clock duty
externally-forced
reference
voltages
matches
to
cycles. Good performance is obtained for duty cycles
within 50mV of VCM (+1.5VDC).
up to 40%–60%, though the ensured electrical
specifications presume that the duty cycle is between
The external reference circuit must be designed to
45%–55%. The PLL automatically limits the minimum
drive the internal reference impedance seen between
frequency of operation to 20MSPS. For operation
the REFT and REFB pins. To establish the drive
below 20MSPS, the
PLL
can
be
disabled
by
requirements, consider that the external reference
programming the internal registers through the serial
circuit needs to supply an average switching current
interface. With the PLL disabled, the clock speed can
of at least 1mA. This dynamic switching current
go down to 2MSPS. With the PLL disabled, the clock
depends on the actual device sampling rate and the
duty cycle needs to be constrained closer to 50%.
signal level. The external reference voltages can vary
as long as the value of the external top reference
stays within the range of +1.875V to +2.0V, and the
external bottom reference stays within +1.0V to
The ADS5237 provides two channels with 10 data
+1.125V. Consequently, the full-scale input range can
outputs (D9 to D0, with D9 being the MSB and D0 the
be set between 1.5VPP and 2VPP (FSR = 2x [REFT –
LSB), data-valid outputs (DVA, DVB, pin 26 and pin
REFB] ).
22, respectively), and individual out-of-range indicator
output
pins
(OVRA/OVRB, pin 39 and pin 9,
respectively).
The ADS5237 requires a single-ended clock source.
The output circuitry of the ADS5237 has been
The clock input, CLK, represents a CMOS-compatible
designed
to
minimize
the
noise
produced
by
logic input with an input impedance of about 5pF. For
transients of the data switching, and in particular its
high input frequency sampling, it is recommended to
coupling to the ADC analog circuitry.
use a clock source with very low jitter. A low-jitter
clock is essential in order to preserve the excellent ac
performance of the ADS5237. The converter itself is
specified for a low 1.0ps (rms) jitter. Generally, as the
input frequency increases, clock jitter becomes more
dominant in maintaining a good signal-to-noise ratio
(SNR).
This
condition
is
particularly
critical
in
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS5237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com