Electronic Components Datasheet Search
  English  ▼

X  

ADS5237 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5237
Description  Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5237 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5237 Datasheet HTML 18Page - Texas Instruments ADS5237 Datasheet HTML 19Page - Texas Instruments ADS5237 Datasheet HTML 20Page - Texas Instruments ADS5237 Datasheet HTML 21Page - Texas Instruments ADS5237 Datasheet HTML 22Page - Texas Instruments ADS5237 Datasheet HTML 23Page - Texas Instruments ADS5237 Datasheet HTML 24Page - Texas Instruments ADS5237 Datasheet HTML 25Page - Texas Instruments ADS5237 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
www.ti.com
DATA OUTPUT FORMAT (MSBI)
OUTPUT LOADING
OUTPUT ENABLE (OE)
SERIAL INTERFACE
OVER-RANGE INDICATOR (OVR)
ADS5237
SBAS420A – AUGUST 2007 – REVISED OCTOBER 2007
range. It changes to high if the applied signal
exceeds the full-scale range. It should be noted that
The ADS5237 makes two data output formats
each of the OVR outputs is updated along with the
available: the Straight Offset Binary code (SOB) or
data output corresponding to the particular sampled
the Binary Two's Complement code (BTC). The
analog input voltage. Therefore, the OVR state is
selection of the output coding is controlled by the
subject to the same pipeline delay as the digital data
MSBI (pin 41). Because the MSBI pin has an internal
(six clock cycles).
pull-down, the ADS5237 operates with the SOB code
as its default setting. Forcing the MSBI pin high
enables BTC coding. The two code structures are
identical, with the exception that the MSB is inverted
It is recommended that the capacitive loading on the
for BTC format, as shown in Table 3.
data output lines be kept as low as possible,
preferably below 15pF. Higher capacitive loading
causes larger dynamic currents as the digital outputs
are changing. Such high current surges can feed
Digital outputs of the ADS5237 can be set to
back to the analog portion of the ADS5237 and
high-impedance
(3-state),
exercising
the
output
adversely affect device performance. If necessary,
enable pins, OEA (pin 42), and OEB (pin 6). Internal
external buffers or latches close to the converter
pull-downs configure the output in enable mode for
output pins may be used to minimize the capacitive
normal operation. Applying a logic high voltage
loading.
disables the outputs. Note that the OE-function is not
designed to be operated dynamically (that is, as a
fast multiplexer) because it may lead to corrupt
conversion
results.
Refer
to
the
Electrical
The ADS5237 has a serial interface that can be used
Characteristics table to observe the specified 3-state
to program internal registers. The serial interface is
enable and disable times.
disabled if SEL is connected to '0'.
When the serial interface is to be enabled, SEL
serves the function of a RESET signal. After the
If the analog input voltage exceeds the full-scale
supplies have stabilized, it is necessary to give the
range set by the reference voltages, an over-range
device a low-going pulse on SEL. This pulse results
condition
exists.
The
ADS5237
incorporates
a
in all internal registers resetting to the default value of
function that monitors the input voltage and detects
'0' (inactive). Without a reset, it is possible that
any such out-of-range condition. This operation
registers
may
be
in
the
non-default
state
on
functions for each of the two channels independently.
power-up. This condition may cause the device to
The current state can be read at the over-range
malfunction.
indicator pins (pins 9 and 39). This output is low
when the input voltage is within the defined input
Table 3. Coding Table for Differential Input Configuration and 2VPP Full-Scale Input Range
STRAIGHT OFFSET BINARY (SOB; MSBI = 0)
BINARY TWO'S COMPLEMENT (BTC; MSBI = 1)
DIFFERENTIAL INPUT
D9............D0
D9............D0
+FS (IN = +2V, IN = +1V)
1111 1111 11
0111 1111 11
+1/2 FS
1100 0000 00
0100 0000 00
Bipolar Zero (IN = IN = CMV)
1000 0000 00
0000 0000 00
–1/2 FS
0100 0000 00
1100 0000 00
–FS (IN = +1V, IN = +2V)
0000 0000 00
1000 0000 00
22
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com