Electronic Components Datasheet Search
  English  ▼

X  

ADS5237 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5237
Description  Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5237 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5237 Datasheet HTML 12Page - Texas Instruments ADS5237 Datasheet HTML 13Page - Texas Instruments ADS5237 Datasheet HTML 14Page - Texas Instruments ADS5237 Datasheet HTML 15Page - Texas Instruments ADS5237 Datasheet HTML 16Page - Texas Instruments ADS5237 Datasheet HTML 17Page - Texas Instruments ADS5237 Datasheet HTML 18Page - Texas Instruments ADS5237 Datasheet HTML 19Page - Texas Instruments ADS5237 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.ti.com
SampleRate(MHz)
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
20
25
30
35
40
45
50
55
60
65
70
f
=5MHz
IN
IAVDD
IVDRV
InputFrequency(MHz)
64
63
62
61
60
59
58
57
56
0
70
ExternalReference
REF =1.95V
T
REF =0.95V
B
10
20
30
40
50
60
InputFrequency(MHz)
95
90
85
80
75
70
65
60
0
70
ExternalReference
REF =1.95V
T
REF =0.95V
B
10
20
30
40
50
60
InputFrequency(MHz)
66
64
62
60
58
56
54
0
70
10
20
30
40
50
60
InternalReference
InputFrequency(MHz)
95
90
85
80
75
70
65
60
0
70
10
20
30
40
50
60
InternalReference
DutyCycle(%)
95
90
85
80
75
70
65
60
30
35
50
55
60
65
40
45
70
f
=5MHz
IN
SNR
SFDR
ADS5237
SBAS420A – AUGUST 2007 – REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS (continued)
TMIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = 65MSPS, 50% clock duty cycle,
AVDD = 3.3V, VDRV = 3.3V, transformer-coupled inputs, –1dBFS, ISET = 56.2kΩ, and internal voltage reference, unless
otherwise noted.
IAVDD, IVDRV vs CLOCK FREQUENCY
SNR vs INPUT FREQUENCY
Figure 7.
Figure 8.
SFDR vs INPUT FREQUENCY
SNR vs INPUT FREQUENCY
Figure 9.
Figure 10.
DYNAMIC PERFORMANCE vs CLOCK DUTY CYCLE
SFDR vs INPUT FREQUENCY
WITH PLL ENABLED (default)
Figure 11.
Figure 12.
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com