Electronic Components Datasheet Search
  English  ▼

X  

ADS5237 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5237
Description  Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5237 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS5237 Datasheet HTML 15Page - Texas Instruments ADS5237 Datasheet HTML 16Page - Texas Instruments ADS5237 Datasheet HTML 17Page - Texas Instruments ADS5237 Datasheet HTML 18Page - Texas Instruments ADS5237 Datasheet HTML 19Page - Texas Instruments ADS5237 Datasheet HTML 20Page - Texas Instruments ADS5237 Datasheet HTML 21Page - Texas Instruments ADS5237 Datasheet HTML 22Page - Texas Instruments ADS5237 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
www.ti.com
5nH
to9nH
3.2pF
to4.8pF
IN
OUT
IN
P
1.5pFto
2.5pF
1W
15W
to25W
5nH
to9nH
IN
N
1.5pFto
2.5pF
1W
15W
to25W
60W
to120W
1.5pF
to1.9pF
IN
OUT
3.2pF
to4.8pF
IN
OUT
15W
to25W
15W
to25W
60W
to120W
IN
OUT
IN
OUT
15
to35
W
W
IN
OUT
IN
OUT
OUT
P
OUT
N
SwitchesthatareON
inSAMPLEphase.
SwitchesthatareON
inHOLDphase.
V
IN
IN
IN
CM
+1.5V
24.9W
24.9W
0.1 F
m
22pF
R
T
1:n
0.1 F
m
R
G
R
2
R
1
OPA690
49.9W
1/2
ADS5237
OneChannelofTwo
ADS5237
SBAS420A – AUGUST 2007 – REVISED OCTOBER 2007
Figure 17. Input Circuitry
Figure 18. Converting a Single-Ended Input Signal into a Differential Signal Using an RF-Transformer
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS5237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com