Electronic Components Datasheet Search
  English  ▼

X  

ADS5237 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5237
Description  Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5237 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS5237 Datasheet HTML 19Page - Texas Instruments ADS5237 Datasheet HTML 20Page - Texas Instruments ADS5237 Datasheet HTML 21Page - Texas Instruments ADS5237 Datasheet HTML 22Page - Texas Instruments ADS5237 Datasheet HTML 23Page - Texas Instruments ADS5237 Datasheet HTML 24Page - Texas Instruments ADS5237 Datasheet HTML 25Page - Texas Instruments ADS5237 Datasheet HTML 26Page - Texas Instruments ADS5237 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
www.ti.com
POWER-DOWN MODE
ADS5237
SBAS420A – AUGUST 2007 – REVISED OCTOBER 2007
capacitances on REFT and REFB less than 1μF, the
reference voltages settle to within 1% of their
The ADS5237 has a power-down pin, STPD (pin 45).
steady-state values in less than 500
μs. Either of the
The internal pull-down is in default mode for the
two channels can also be selectively powered-down
device during normal operation. Forcing the STPD pin
through the serial interface when it is enabled.
high causes the device to enter into power-down
mode. In power-down mode, the reference and clock
The ADS5237 also has an internal circuit that
circuitry as well as all the channels are powered
monitors the state of stopped clocks. If ADCLK is
down. Device power consumption drops to less than
stopped for longer than 250ns, or if it runs at a speed
90mW. As previously mentioned, the ADS5237 also
less than 2MHz, this monitoring circuit generates a
enters into a power-down mode if the clock speed
logic signal
that
puts
the
device
in
a
partial
drops below 2MSPS (see the Clock Input section).
power-down
state.
As
a
result,
the
power
consumption of the device is reduced when CLK is
When STPD is pulled high, the internal buffers driving
stopped.
The
recovery
from
such
a
partial
REFT and REFB are 3-stated and the outputs are
power-down
takes
approximately
100
μs.
This
forced to a voltage roughly equal to half of the
constraint is described in Table 4.
voltage on AVDD. Speed of recovery from the
power-down mode depends on the value of the
external capacitance on the REFT and REFB pins. For
Table 4. Time Constraints Associated with Device Recovery from Power-Down and Clock Stoppage
DESCRIPTION
TYP
REMARKS
Recovery from power-down mode (STPD = 1 to STPD = 0).
500
μs
Capacitors on REFT and REFB less than 1μF.
Recovery from momentary clock stoppage ( < 250ns).
10
μs
Recovery from extended clock stoppage ( > 250ns).
100
μs
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): ADS5237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com