Electronic Components Datasheet Search
  English  ▼

X  

ADS5237 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5237
Description  Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5237 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5237 Datasheet HTML 7Page - Texas Instruments ADS5237 Datasheet HTML 8Page - Texas Instruments ADS5237 Datasheet HTML 9Page - Texas Instruments ADS5237 Datasheet HTML 10Page - Texas Instruments ADS5237 Datasheet HTML 11Page - Texas Instruments ADS5237 Datasheet HTML 12Page - Texas Instruments ADS5237 Datasheet HTML 13Page - Texas Instruments ADS5237 Datasheet HTML 14Page - Texas Instruments ADS5237 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ti.com
RECOMMENDED POWER-UP SEQUENCING
t
1
t
3
t
5
t
6
t
4
t
7
t
8
t
2
AVDD(3Vto3.6V)
VDRV(3Vto3.6V)
DeviceReady
ForADCOperation
DeviceReady
ForADCOperation
DeviceReady
ForSerialRegisterWrite
StartofClock
AVDD
VDRV
SEL
SEN
CLK
STPD
DeviceFully
PowersDown
DeviceFully
PowersUp
500 s
m
1 s
m
ADS5237
SBAS420A – AUGUST 2007 – REVISED OCTOBER 2007
Shown for the case where the serial interface is used.
NOTE: 10
μs < t1 < 50ms; 10μs < t2 < 50ms; –10ms < t3 < 10ms; t4 > 10ms; t5 > 100ns; t6 > 100ns; t7 > 10ms; and t8 > 100μs.
POWER-DOWN TIMING
NOTE: The shown power-up time is based on 1
μF bypass capacitors on the reference pins. See the Theory of Operation section for details.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS5237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com