Electronic Components Datasheet Search
  English  ▼

X  

ADS5237 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5237
Description  Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5237 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS5237 Datasheet HTML 10Page - Texas Instruments ADS5237 Datasheet HTML 11Page - Texas Instruments ADS5237 Datasheet HTML 12Page - Texas Instruments ADS5237 Datasheet HTML 13Page - Texas Instruments ADS5237 Datasheet HTML 14Page - Texas Instruments ADS5237 Datasheet HTML 15Page - Texas Instruments ADS5237 Datasheet HTML 16Page - Texas Instruments ADS5237 Datasheet HTML 17Page - Texas Instruments ADS5237 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
www.ti.com
DEFINITION OF SPECIFICATIONS
Minimum Conversion Rate
Analog Bandwidth
Signal-to-Noise and Distortion (SINAD)
Aperture Delay
SINAD=10Log
10
P
S
P +P
N
D
Aperture Uncertainty (Jitter)
Clock Duty Cycle
Signal-to-Noise Ratio (SNR)
Differential Nonlinearity (DNL)
SNR=10Log
10
P
S
P
N
Spurious-Free Dynamic Range
Effective Number of Bits (ENOB)
ENOB=
SINAD
1.76
-
6.02
Two-Tone, Third-Order Intermodulation
Integral Nonlinearity (INL)
Maximum Conversion Rate
ADS5237
SBAS420A – AUGUST 2007 – REVISED OCTOBER 2007
This is the minimum sampling rate where the ADC
still works.
The analog input frequency at which the spectral
power of the fundamental frequency (as determined
by FFT analysis) is reduced by 3dB.
SINAD is the ratio of the power of the fundamental
(PS) to the power of all the other spectral components
including noise (PN) and distortion (PD), but not
The delay in time between the rising edge of the input
including dc.
sampling clock and the actual time at which the
sampling occurs.
SINAD is either given in units of dBc (dB to carrier)
The sample-to-sample variation in aperture delay.
when the absolute power of the fundamental is used
as the reference, or dBFS (dB to full-scale) when the
power of the fundamental is extrapolated to the
Pulse width high is the minimum amount of time that
full-scale range of the converter.
the ADCLK pulse should be left in logic ‘1’ state to
achieve rated performance. Pulse width low is the
minimum time that the ADCLK pulse should be left in
SNR is the ratio of the power of the fundamental (PS)
a low state (logic ‘0’). At a given clock rate, these
to the noise floor power (PN), excluding the power at
specifications define an acceptable clock duty cycle.
dc and the first eight harmonics.
An ideal ADC exhibits code transitions that are
exactly 1 LSB apart. DNL is the deviation of any
SNR is either given in units of dBc (dB to carrier)
single LSB transition at the digital output from an
when the absolute power of the fundamental is used
ideal 1 LSB step at the analog input. If a device
as the reference, or dBFS (dB to full-scale) when the
claims to have no missing codes, it means that all
power of the fundamental is extrapolated to the
possible codes (for a 10-bit converter, 1024 codes)
full-scale range of the converter.
are present over the full operating range.
The ratio of the power of the fundamental to the
The ENOB is a measure of converter performance as
highest other spectral component (either spur or
compared
to
the
theoretical
limit
based
on
harmonic). SFDR is typically given in units of dBc (dB
quantization noise.
to carrier).
Distortion
Two-tone
IMD3
is
the
ratio
of
power
of
the
INL is the deviation of the transfer function from a
fundamental (at frequencies f1 and f2) to the power of
reference line measured in fractions of 1 LSB using a
the
worst
spectral
component
of
third-order
best straight line or best fit determined by a least
intermodulation distortion at either frequency 2f1 – f2
square curve fit. INL is independent from effects of
or 2f2 – f1. IMD3 is either given in units of dBc (dB to
offset, gain or quantization errors.
carrier) when the absolute power of the fundamental
is used as the reference, or dBFS (dB to full-scale)
when the power of the fundamental is extrapolated to
the full-scale range of the converter.
The encode rate at which parametric testing is
performed. This is the maximum sampling rate where
certified operation is given.
14
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com