Electronic Components Datasheet Search
  English  ▼

X  

ADS5237 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5237
Description  Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5237 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5237 Datasheet HTML 1Page - Texas Instruments ADS5237 Datasheet HTML 2Page - Texas Instruments ADS5237 Datasheet HTML 3Page - Texas Instruments ADS5237 Datasheet HTML 4Page - Texas Instruments ADS5237 Datasheet HTML 5Page - Texas Instruments ADS5237 Datasheet HTML 6Page - Texas Instruments ADS5237 Datasheet HTML 7Page - Texas Instruments ADS5237 Datasheet HTML 8Page - Texas Instruments ADS5237 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
DESCRIPTION
APPLICATIONS
10-Bit
Pipelined
ADC
Error
Correction
Logic
Timing/DutyCycleAdjust(PLL)
Internal
Reference
3-State
Output
S/H
D9A
·
·
·
D0A
10-Bit
Pipelined
ADC
Error
Correction
Logic
3-State
Output
S/H
D9B
·
·
·
D0B
IN
A
AV
DD
OE
A
V
DRV
SDATA SEN SCLK SEL
OVR
A
OVR
B
IN
A
CM
INT/EXT
CLK
DV
A
DV
B
REFT
REFB
IN
B
V
IN
OE
B
STPD
IN
B
ADS5237
V
IN
Serial
Interface
DISABLE_PLL
ADS5237
SBAS420A – AUGUST 2007 – REVISED OCTOBER 2007
Dual, 10-Bit, 65MSPS, +3.3V
Analog-to-Digital Converter
2
• Single +3.3V Supply
• High SNR: 61.7dBFS at f
IN = 5MHz
The ADS5237 is a dual, high-speed, high dynamic
range, 10-bit, pipelined analog-to-digital converter
• Total Power Dissipation:
(ADC).
This
device
includes
a
high-bandwidth
Internal Reference: 366mW
sample-and-hold
amplifier
that
gives
excellent
External Reference: 330mW
spurious performance up to and beyond the Nyquist
• Internal or External Reference
rate. The differential nature of the sample-and-hold
amplifier and ADC circuitry minimizes even-order
• Low DNL: ±0.1LSB
harmonics and gives excellent common-mode noise
• Flexible Input Range: 1.5V
PP to 2VPP
immunity.
• TQFP-64 Package
The ADS5237 provides for setting the full-scale range
of the converter without any external reference
circuitry. The internal reference can be disabled,
• Communications IF Processing
allowing low-drive, external references to be used for
• Communications Base Stations
improved tracking in multichannel systems.
• Test Equipment
The ADS5237 provides an over-range indicator flag
• Medical Imaging
to indicate an input signal that exceeds the full-scale
• Video Digitizing
input range of the converter. This flag can be used to
reduce the gain of front-end gain control circuitry.
• CCD Digitizing
There is also an output enable pin to allow for
multiplexing and testing on a printed circuit board
(PCB).
The
ADS5237
employs
digital
error
correction
techniques to provide excellent differential linearity for
demanding imaging applications. The ADS5237 is
available in a TQFP-64 package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5237

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5237 TI2-ADS5237 Datasheet
1Mb / 30P
Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
REVISED OCTOBER 2007
ADS5237IPAG TI2-ADS5237IPAG Datasheet
1Mb / 30P
Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
REVISED OCTOBER 2007
ADS5237IPAG.A TI2-ADS5237IPAG.A Datasheet
1Mb / 30P
Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
REVISED OCTOBER 2007
ADS5237IPAGG4.A TI2-ADS5237IPAGG4.A Datasheet
1Mb / 30P
Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
REVISED OCTOBER 2007
ADS5237IPAGT TI2-ADS5237IPAGT Datasheet
1Mb / 30P
Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
REVISED OCTOBER 2007
More results

Similar Description - ADS5237

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS5221 TI-ADS5221 Datasheet
367Kb / 19P
12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
ADS5232 TI-ADS5232 Datasheet
742Kb / 29P
Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5232 TI1-ADS5232_14 Datasheet
1Mb / 32P
Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com