Electronic Components Datasheet Search
  English  ▼

X  

ADS5237 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5237
Description  Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5237 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS5237 Datasheet HTML 5Page - Texas Instruments ADS5237 Datasheet HTML 6Page - Texas Instruments ADS5237 Datasheet HTML 7Page - Texas Instruments ADS5237 Datasheet HTML 8Page - Texas Instruments ADS5237 Datasheet HTML 9Page - Texas Instruments ADS5237 Datasheet HTML 10Page - Texas Instruments ADS5237 Datasheet HTML 11Page - Texas Instruments ADS5237 Datasheet HTML 12Page - Texas Instruments ADS5237 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ti.com
StartSequence
t
1
t
7
t
6
D7
(MSB)
D6
D5
D4
D3
D2
D1
D0
t
2
t
3
t
4
t
5
CLK
SEN
SCLK
SDATA
Outputschangeon
nextrisingclockedge
afterSENgoeshigh.
Datalatchedon
eachrisingedgeofSCLK.
ADS5237
SBAS420A – AUGUST 2007 – REVISED OCTOBER 2007
TIMING CHARACTERISTICS (continued)
Typical values at TA = +25°C, AVDD = VDRV = 3.3V, sampling rate and PLL state are as indicated, input clock at 50% duty
cycle, and total capacitive loading = 10pF, unless otherwise noted.
PARAMETER
MIN
TYP
MAX
UNITS
2MSPS With PLL OFF
tA Aperture delay
2.1
ns
Aperture jitter
1.0
ps
t1 Data setup time
150
200
ns
t2 Data hold time
200
250
ns
tD Data latency
6
Clocks
tDR, tDF Data rise/fall time
0.5
2
3.5
ns
Data valid (DV) duty cycle
30
45
55
%
tDV Input clock rising to DV fall edge
200
225
250
ns
SERIAL INTERFACE TIMING
NOTE: Data are shifted in MSB first.
ADS5237
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
t1
Serial CLK period
50
ns
t2
Serial CLK high time
20
ns
t3
Serial CLK low time
20
ns
t4
Data setup time
5
ns
t5
Data hold time
5
ns
t6
SEN fall to SCLK rise
8
ns
t7
SCLK rise to SEN rise
8
ns
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS5237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com