Electronic Components Datasheet Search
  English  ▼

X  

ADS5237 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5237
Description  Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5237 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS5237 Datasheet HTML 20Page - Texas Instruments ADS5237 Datasheet HTML 21Page - Texas Instruments ADS5237 Datasheet HTML 22Page - Texas Instruments ADS5237 Datasheet HTML 23Page - Texas Instruments ADS5237 Datasheet HTML 24Page - Texas Instruments ADS5237 Datasheet HTML 25Page - Texas Instruments ADS5237 Datasheet HTML 26Page - Texas Instruments ADS5237 Datasheet HTML 27Page - Texas Instruments ADS5237 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
www.ti.com
LAYOUT AND DECOUPLING
ADS5237
SBAS420A – AUGUST 2007 – REVISED OCTOBER 2007
the lead and trace inductance, the capacitors should
CONSIDERATIONS
be located as close to the supply pins as possible.
Where double-sided component mounting is allowed,
Proper grounding and bypassing, short lead length,
they are best placed directly under the package. In
and the use of ground planes are particularly
addition, larger bipolar decoupling capacitors (2.2
μF
important for high frequency designs. Achieving
to 10
μF), effective at lower frequencies, may also be
optimum performance with a fast sampling converter
used on the main supply pins. They can be placed on
such as the ADS5237 requires careful attention to the
the PCB in proximity (< 0.5in) to the ADC.
PCB layout to minimize the effects of board parasitics
and to optimize component placement. A multilayer
If the analog inputs to the ADS5237 are driven
board usually ensures best results and allows
differentially, it is especially important to optimize
convenient component placement.
towards a highly symmetrical layout. Small trace
length
differences
may
create
phase
shifts,
The ADS5237 should be treated as an analog
compromising a good distortion performance. For this
component and the supply pins connected to clean
reason, the use of two single op amps rather than
analog supplies. This layout ensures the most
one dual amplifier enables a more symmetrical layout
consistent
performance
results,
because
digital
and a better match of parasitic capacitances. The pin
supplies often carry a high level of switching noise
orientation of the ADS5237 quad-flat package follows
that could couple into the converter and degrade
a flow-through design, with the analog inputs located
device performance. As mentioned previously, the
on one side of the package while the digital outputs
output buffer supply pins (VDRV) should also be
are located on the opposite side. This design
connected to a low-noise supply. Supplies of adjacent
provides a good physical isolation between the
digital
circuits
may
carry
substantial
current
analog and digital connections. While designing the
transients. The supply voltage should be filtered
layout, it is important to keep the analog signal traces
before connecting to the VDRV pin of the converter.
separated from any digital lines to prevent noise
All ground pins should directly connect to an analog
coupling onto the analog portion.
ground.
Single-ended clock lines must be short and should
Because
of
its
high
sampling
frequency,
the
not cross any other signal traces.
ADS5237 generates high frequency current transients
and noise (clock feedthrough) that are fed back into
Short circuit traces on the digital outputs will minimize
the supply and reference lines. If not sufficiently
capacitive loading. Trace length should be kept short
bypassed,
this
feedthrough
adds
noise
to
the
to the receiving gate (< 2in) with only one CMOS gate
conversion process. All AVDD pins may be bypassed
connected to one digital output.
with 0.1
μF ceramic chip capacitors (size 0603, or
smaller). A similar approach may be used on the
output buffer supply pins, VDRV. In order to minimize
24
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com