Electronic Components Datasheet Search
  English  ▼

X  

ADS5237 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5237
Description  Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5237 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5237 Datasheet HTML 14Page - Texas Instruments ADS5237 Datasheet HTML 15Page - Texas Instruments ADS5237 Datasheet HTML 16Page - Texas Instruments ADS5237 Datasheet HTML 17Page - Texas Instruments ADS5237 Datasheet HTML 18Page - Texas Instruments ADS5237 Datasheet HTML 19Page - Texas Instruments ADS5237 Datasheet HTML 20Page - Texas Instruments ADS5237 Datasheet HTML 21Page - Texas Instruments ADS5237 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
INPUT CONFIGURATION
INPUT DRIVER CONFIGURATIONS
Transformer-Coupled Interface
ADS5237
SBAS420A – AUGUST 2007 – REVISED OCTOBER 2007
The
ADS5237
is
a
dual-channel,
simultaneous
The analog input for the ADS5237 consists of a
sampling analog-to-digital converter (ADC). Its low
differential sample-and-hold architecture implemented
power and high sampling rate of 65MSPS are
using a switched capacitor technique; see Figure 17.
achieved using a state-of-the-art switched capacitor
The sampling circuit consists of a low-pass RC filter
pipeline architecture built on an advanced low-voltage
at the input to filter out noise components that
CMOS process. The ADS5237 operates from a +3.3V
potentially could be differentially coupled on the input
supply voltage for both its analog and digital supply
pins. The inputs are sampled on two 4pF capacitors.
connections. The ADC core of each channel consists
The RLC model is illustrated in Figure 17.
of a combination of multi-bit and single-bit internal
pipeline stages. Each stage feeds its data into the
digital
error
correction
logic,
ensuring
excellent
differential linearity and no missing codes at the
10-bit level. The conversion process is initiated by the
If the application requires a signal conversion from a
rising edge of the external clock. Once the signal is
single-ended
source
to
drive
the
ADS5237
captured by the input sample-and-hold amplifier, the
differentially, an RF transformer could be a good
input sample is sequentially converted within the
solution. The selected transformer must have a
pipeline stages. This process results in a data latency
center tap in order to apply the common-mode dc
of six clock cycles, after which the output data is
voltage (VCM) necessary to bias the converter inputs.
available as a 10-bit parallel word, coded in either
AC grounding the center tap generates the differential
straight
offset
binary
(SOB)
or
binary
two's
signal swing across the secondary winding. Consider
complement (BTC) format. Because a common clock
a step-up transformer to take advantage of signal
controls the timing of both channels, the analog
amplification without the introduction of another noise
signal is sampled simultaneously. Data on the parallel
source. Furthermore, the reduced signal swing from
ports are updated simultaneously as well. Further
the
source
may
lead
to
improved
distortion
processing can be timed using the individual data
performance. The differential input configuration may
valid output signal of each channel. The ADS5237
provide a noticeable advantage for achieving good
features internal references that are trimmed to
SFDR performance over a wide range of input
ensure a high level of accuracy and matching. The
frequencies. In this mode, both inputs (IN and IN) of
internal references can be disabled to allow for
the ADS5237 see matched impedances.
external reference operation.
Figure 18 illustrates the schematic for the suggested
transformer-coupled interface circuit. The component
values of the RC low-pass filter may be optimized,
depending on the desired roll-off frequency.
18
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com