Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 35 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 31Page - Texas Instruments TLK6002 Datasheet HTML 32Page - Texas Instruments TLK6002 Datasheet HTML 33Page - Texas Instruments TLK6002 Datasheet HTML 34Page - Texas Instruments TLK6002 Datasheet HTML 35Page - Texas Instruments TLK6002 Datasheet HTML 36Page - Texas Instruments TLK6002 Datasheet HTML 37Page - Texas Instruments TLK6002 Datasheet HTML 38Page - Texas Instruments TLK6002 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 98 page
background image
TLK6002
www.ti.com
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
2.21 Clock Out Generation In ARS Mode (CLK_OUT_P/N)
Table 2-8 shows the CLK_OUT_P/N output clock frequency in each of the three reference clock frequencies.
Table 2-8. ARS CLK_OUT_P/N Frequencies
Selected Reference Clock (MHz)
ARS CLK_OUT_P/N Frequency Per Reference Clock
VCO Freq./2 (GHz)
153.6
122.88
307.2
153.60
122.88
307.20
Standard
Serial Rate (Gbps)
CLK_OUT Division from VCO Frequency/2
CLK_OUT_P/N Frequency (MHz)
CPRI
0.6144
1.2288
8
20
8
153.60
61.44
153.60
OBSAI
0.768
1.5360
10
25
10
153.60
61.44
153.60
CPRI
1.2288
1.2288
8
20
8
153.60
61.44
153.60
OBSAI
1.536
1.5360
10
25
10
153.60
61.44
153.60
CPRI
2.4576
1.2288
8
20
8
153.60
61.44
153.60
CPRI/OBSAI
3.072
1.5360
10
25
10
153.60
61.44
153.60
CPRI
4.9152
1.2288
8
20
8
153.60
61.44
153.60
CPRI/OBSAI
6.144
1.5360
10
25
10
153.60
61.44
153.60
Copyright © 2010, Texas Instruments Incorporated
Description
35
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com