Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 1 Page - Texas Instruments

  TLK6002 Datasheet HTML 1Page - Texas Instruments TLK6002 Datasheet HTML 2Page - Texas Instruments TLK6002 Datasheet HTML 3Page - Texas Instruments TLK6002 Datasheet HTML 4Page - Texas Instruments TLK6002 Datasheet HTML 5Page - Texas Instruments TLK6002 Datasheet HTML 6Page - Texas Instruments TLK6002 Datasheet HTML 7Page - Texas Instruments TLK6002 Datasheet HTML 8Page - Texas Instruments TLK6002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
TLK6002
www.ti.com
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
Check for Samples: TLK6002
1
Introduction
1.1
Transceiver Features
1
• Dual Channel 470Mbps to 6.25Gbps
• Dual Power Supply: 1.0V Core, and 1.5V/1.8V
Continuous/Multi-Rate Transceiver
I/O Nominal Supply
• Supports all CPRI and OBSAI Data Rates
• Serial Side Three Tap Transmit De-emphasis
and Receive Adaptive Equalization to Allow
• Integrated Latency Measurement Function,
Extended Backplane Reach
Accuracy of ±814 ps
• Programmable Output Swing on Serial Output
• CPRI/OBSAI Automated Rate Sense (ARS)
Function
• Minimum Receiver Differential Input
Thresholds of 100mVdfpp
• Supports SERDES Operation, 8B/10B Data
Modes (20-bit and 16-bit + Controls)
• Loss of Signal (LOS) detection (
≤75 mVdfpp)
• 20-bit HSTL Single-Ended Parallel Data
• Interface to Back Plane, Copper Cables, or
Interface (Integrated Source and End
Optical Modules
Termination)
• Hot Plug Protection
• Shared or Independent Reference Clock per
• JTAG; IEEE 1149.1 /1149.6 Test Interface
Channel
• MDIO; IEEE 802.3 Clause-22 Support
• Latency/Depth Configurable Transmit and
• 65nm Advanced CMOS Technology
Receive FIFOs.
• Industrial Ambient Operating Temp (–40°C to
• Loopback Capability (Serial and Parallel Side),
85°C) at Full Rate
OBSAI Compliant
• Device Package; 324 PBGA
• Supports Serial Retime Operation
• Supports PRBS (27–1), (223 – 1) and (231–1) and
CRPAT Long/Short Generation and Verification
1.2
Applications
•
WI Infrastructure
•
CPRI and OBSAI Links
•
Proprietary Links
•
Backplane
•
High Speed Point- to-Point Transmission Systems
1.3
Overview
1.3.1
Device Description
The TLK6002 is a member of a portfolio of multi-gigabit transceivers, intended for use in ultra-high-speed
bi-directional point-to-point data transmission systems. It is specifically intended for base station RRH
(Remote Radio Head) application, but may also be used in other high speed applications. The TLK6002
supports a serial interface speed of 0.470 Gbps to 6.25 Gbps. Rate support includes all the CPRI and
OBSAI rates (0.6144/0.768/1.2288/1.536/2.4576/3.072/4.9152/6.144 Gbps) using a single fixed reference
clock frequency (either 122.88 MHz or 153.6 MHz).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLK6002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK6002 TI-TLK6002 Datasheet
1,000Kb / 96P
Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
TLK6002ZEU TI-TLK6002ZEU Datasheet
1,000Kb / 96P
Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
More results

Similar Description - TLK6002

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM8228 BOARDCOM-BCM8228 Datasheet
133Kb / 1P
VERIRATETM MULTI-RATE TRANSCEIVER
logo
Texas Instruments
TLK3134 TI-TLK3134 Datasheet
1Mb / 149P
4-Channel Multi-Rate Transceiver
TLK3134 TI-TLK3134_1 Datasheet
2Mb / 150P
4-Channel Multi-Rate Transceiver
TLK3131 TI-TLK3131 Datasheet
1Mb / 101P
Single Channel Multi-Rate Transceiver
TLK3132 TI-TLK3132 Datasheet
1Mb / 103P
2-Channel Multi-Rate Transceiver
logo
Source Photonics, Inc.
SP-MR-IR1-CDA SOURCE-SP-MR-IR1-CDA Datasheet
520Kb / 6P
Multi-Rate SFP Transceiver(IR1)
logo
Texas Instruments
TLK6002 TI-TLK6002 Datasheet
1,000Kb / 96P
Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
TLK10002 TI1-TLK10002 Datasheet
620Kb / 73P
10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
TLK3131 TI1-TLK3131_15 Datasheet
1Mb / 102P
Single Channel Multi-Rate Transceiver
TLK3132 TI1-TLK3132_15 Datasheet
1Mb / 104P
2-Channel Multi-Rate Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com