Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 67 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 63Page - Texas Instruments TLK6002 Datasheet HTML 64Page - Texas Instruments TLK6002 Datasheet HTML 65Page - Texas Instruments TLK6002 Datasheet HTML 66Page - Texas Instruments TLK6002 Datasheet HTML 67Page - Texas Instruments TLK6002 Datasheet HTML 68Page - Texas Instruments TLK6002 Datasheet HTML 69Page - Texas Instruments TLK6002 Datasheet HTML 70Page - Texas Instruments TLK6002 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 98 page
background image
0
0 .2750 .4
0.60 .725
1
0
XX 21-X21-X1
1
+ 800 mV
+ 100 mV
- 100 mV
- 800 mV
0 V
+ A 2
+ A 1
- A1
- A2
0
0
0 .330 .5
0.50 .67
1
0
XX 2
1-X21-X1
1
+ 1000 mV
+ 200 mV
- 200 mV
- 1000 mV
0 V
+ A 2
+ A 1
- A1
- A2
0
TLK6002
www.ti.com
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
4.9
Serial Receiver Characteristics
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
Full Rate AC Coupled
50
600
mV
VID
RX input differential voltage|RXP – RXN|
Half/Quarter/Eighth Rate AC Coupled
50
800
RX input differential peak-to-peak voltage
Full Rate AC Coupled
100
1200
VID(pp)
swing
mVdfpp
Half/Quarter/Eighth Rate AC Coupled
100
1600
2×|RXP – RXN|
CI
RX input capacitance
2
pF
Zero crossing Half/Quarter/Eighth Rate
0.66
UIp-p
Jitter Tolerance, Total Jitter at Serial Input
JTOL
(DJ + RJ)(BER 10-15)
Zero crossing Full Rate
0.65
Zero crossing Half/Quarter/Eighth Rate
0.50
JDR
Serial Input Deterministic Jitter(BER 10-15)
Zero crossing Full Rate
0.35
See latency specifications in Appendix D
–
–
–
Bit
T(LATENCY)
Receive Latency
Times
Figure 4-7. CPRI LV Receiver Mask for E.6/12/24/30.LV (0.6144/1.2288/2.4576/3.072 Gbps)
Figure 4-8. CPRI HV Receiver Mask for E.6/12.HV (0.6144/1.2288 Gbps)
Copyright © 2010, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
67
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com