Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 62 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 58Page - Texas Instruments TLK6002 Datasheet HTML 59Page - Texas Instruments TLK6002 Datasheet HTML 60Page - Texas Instruments TLK6002 Datasheet HTML 61Page - Texas Instruments TLK6002 Datasheet HTML 62Page - Texas Instruments TLK6002 Datasheet HTML 63Page - Texas Instruments TLK6002 Datasheet HTML 64Page - Texas Instruments TLK6002 Datasheet HTML 65Page - Texas Instruments TLK6002 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 98 page
background image
TLK6002
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
www.ti.com
4
ELECTRICAL SPECIFICATIONS
4.1
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
VALUE / UNIT
DVDD, AVDD, VDDT, VPP, VDDD
–0.3 to 1.4 V
Supply voltage
VDDRA/B, VDDO1/2/3, VDDQA/B, VREFTA/B
–0.3 to 2.2 V
Input Voltage, VI
(LVCMOS/LVPECL/HSTL/CML/Analog)
–0.3 to Supply + 0.3 V
Storage temperature
–65°C to 150°C
Electrostatic
HBM
1 KV
Discharge
CDM
500 V
Characterized free-air operating temperature range
–40°C to 85°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground (AGND/DGND).
4.2
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
CONDITION
MIN NOM
MAX
UNIT
VDDD
AVDD
DVDD
Digital / Analog Supply Voltages
0.95
1.00
1.05
V
VDDT
VPP
VREFTA
VDDQA/2 or VDDQB/2 Voltage
HSTL Voltage Reference Accuracy
–1%
1%
VREFTB
Variance
1.5V Nominal
1.4
1.5
1.6
VDDQA/B
HSTL I/O Supply Voltages
V
1.8V Nominal
1.7
1.8
1.9
1.5V Nominal
1.425
1.5
1.575
VDDRA
SERDES PLL Regulator Voltage
V
VDDRB
1.8V Nominal
1.71
1.8
1.89
1.5V Nominal
1.425
1.5
1.575
VDDO1/2/3
LVCMOS I/O Supply Voltage
V
1.8V Nominal
1.71
1.8
1.89
VDDD
75
AVDD
250
DVDD + VPP
200
IDD
VDDT
15
Supply
6.144 Gbps
mA
VDDQA/B (1.5V /1.8V Mode)
650/800
Current
VDDRA + VDDRB (1.5V /1.8V Mode)
40/40
VDDO1+VDDO2+VDDO3 (1.5V /1.8V Mode)
5/10
VREFTA + VREFTB (1.5V /1.8V Mode)
0.5/0.5
PD
All Supplies Worst Case
See Table 4-3.
W
VDDD
28
AVDD
15
DVDD + VPP
62
VDDT
1
ISD
VDDQA/B (1.5V Mode /1.8V Mode)
5/5
Shutdown
PD* Asserted
mA
Current
VDDRA + VDDRB (1.5V Mode /1.8V Mode)
1/1
VDDO1+VDDO2+VDDO3 (1.5V Mode /1.8V
1/2
Mode)
0.05/0.0
VREFTA + VREFTB (1.5V /1.8V Mode)
5
62
ELECTRICAL SPECIFICATIONS
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com