Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 44 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 40Page - Texas Instruments TLK6002 Datasheet HTML 41Page - Texas Instruments TLK6002 Datasheet HTML 42Page - Texas Instruments TLK6002 Datasheet HTML 43Page - Texas Instruments TLK6002 Datasheet HTML 44Page - Texas Instruments TLK6002 Datasheet HTML 45Page - Texas Instruments TLK6002 Datasheet HTML 46Page - Texas Instruments TLK6002 Datasheet HTML 47Page - Texas Instruments TLK6002 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 98 page
background image
TLK6002
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
www.ti.com
3
PROGRAMMERS REFERENCE
The following registers can be addressed directly through Clause 22. Channel identification is based on
PHY (Port) address field. Registers 0x01- 0x0C, 0X14 are per channel basis.
Channel A can be accessed by setting LSB of PHY address to 0.
Channel B can be accessed by setting LSB of PHY address to 1.
Table 3-1. GLOBAL_CONTROL_1
Address: 0x00
Default: 0x0600
BIT(s)
NAME
DESCRIPTION
ACCESS
0.15
GLOBAL_RESET
Global reset (Channel A and B).
RW
SC(1)
0 =
Normal operation (Default 1’b0)
1 =
Resets TX and RX datapath including MDIO registers. Equivalent to asserting
RESET_N.
0.11
GLOBAL_WRITE
Global write enable.
RW
0 =
Control settings written to Registers 0x01-0x0C, 0x14 are specific to channel
addressed (Default 1’b0)
1 =
Control settings written to Registers 0x01-0x0C, 0x14 are applied to both Channel A
and Channel B regardless of channel addressed
0.10:8 HSTL_IMPED_CLK_DIV[2:
HSTL Impedance Control clock divide selection.
RW
0]
000 = Divide by 1
001 = Divide by 2
010 = Divide by 4
011 = Divide by 8
100 = Divide by 16
101 = Divide by 32
110 = Divide by 64 (Default 3’b110)
111 = Divide by 128
This value, in tandem with register bit 0.7, selects the frequency and source of the clock
used for dynamic voltage, temperature, and impedance compensation in the HSTL I/O
buffers. The division value selected should yield a value less than 10 MHz, and is
calculated by dividing the selected REFCLK_0/1_P/N frequency by the value above.
0.7
HSTL_IMPED_CLK_SEL
HSTL Impedance Control reference clock source selection.
RW
0 =
Selects channel A reference clock (as selected by REFCLK_A_SEL) as clock
reference to HSTL impedance control (Default 1’b0)
1 =
Selects channel B reference clock (as selected by REFCLK_B_SEL) as clock
reference to HSTL impedance control
See register bit 0.10:8 for further details.
0.6
CLKOUT_SEL
Output clock select. Selected RXBCLK_A/B or ARS output clock is sent out on
RW
CLK_OUT_P/N pins . Logically OR’ed with CLK_OUT_SEL pin.
0 =
Selects Channel A recovered byte clock (RXBCLK_A) as output clock (Default 1’b0)
1 =
Selects Channel B recovered byte clock (RXBCLK_B) as output clock.
See Figure 1-3
0.5:4
CLKOUT_DIV[1:0]
Output clock divide setting in non-ARS mode.This value is used to divide selected
RW
RXBCLK before giving it out onto CLK_OUT_P/N.
CLK_OUT_P/N Frequency = (Serial Bit Rate / 10)/(Register 0.5:4 Setting)
00 = Divide by 1 (Default 2’b00)
01 = Divide by 2
10 = Divide by 4
11 = Divide by 8
See Table 2-9 and Figure 1-3
(1)
After reset bit is set to one, it automatically sets itself back to zero on the next MDC clock cycle.
44
PROGRAMMERS REFERENCE
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com