Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 92 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 88Page - Texas Instruments TLK6002 Datasheet HTML 89Page - Texas Instruments TLK6002 Datasheet HTML 90Page - Texas Instruments TLK6002 Datasheet HTML 91Page - Texas Instruments TLK6002 Datasheet HTML 92Page - Texas Instruments TLK6002 Datasheet HTML 93Page - Texas Instruments TLK6002 Datasheet HTML 94Page - Texas Instruments TLK6002 Datasheet HTML 95Page - Texas Instruments TLK6002 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 98 page
background image
TLK6002
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
www.ti.com
Table 8-3. Device Static Latency Variance
TRANSMIT STATIC LATENCY VARIANCE – Maximum
8b/10b Encoder
Interface Mode
Serial Bit Times
Enabled
SDR
33
Enabled
DDR
33
Disabled
SDR
33
Disabled
DDR
33
Note: TX_FIFO_DEPTH[2:0] = 3'b000
RECEIVE STATIC LATENCY VARIANCE – Maximum
Receive FIFO
Channel
8b/10b Decoder
Serial Bit Times
Synchronization
Bypassed
Enabled
Enabled
30
Bypassed
Enabled
Disabled
30
Bypassed
Disabled
Disabled
20
Enabled
Enabled
Enabled
60
Table 8-4 shows the device dynamic latency variance. Note that the dynamic latency variation is the
difference in latency when voltage and temperature are varied for a particular absolute static latency, after
traffic (including channel synchronization) has been established. The dynamic latency variance numbers
do not include phase movement between the parallel input clocks and input reference clocks.
Table 8-4. Device Dynamic Latency Variance
Transmit Dynamic Latency Variance
Receive Dynamic Latency Variance
Minimum
Maximum
Minimum
Maximum
0 ns
2 ns
0 ns
2 ns
92
Appendix D – Device Latency Specification
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com