Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 2Page - Texas Instruments TLK6002 Datasheet HTML 3Page - Texas Instruments TLK6002 Datasheet HTML 4Page - Texas Instruments TLK6002 Datasheet HTML 5Page - Texas Instruments TLK6002 Datasheet HTML 6Page - Texas Instruments TLK6002 Datasheet HTML 7Page - Texas Instruments TLK6002 Datasheet HTML 8Page - Texas Instruments TLK6002 Datasheet HTML 9Page - Texas Instruments TLK6002 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
RDB_[19:0]
RXCLK_B
S/W
3.9
S/W
{3.9,3.8}
RX A FIFO
RXBFIFO
RDA_[19:0]
0
1
0
1
00
01
10
11
TXBCLK_B
RXBCLK_B
TXBCLK_A
RXBCLK_A
RXCLK_A
S/W
{3.9,3.8}
00
01
10
11
TXBCLK_A
RXBCLK_A
TXBCLK_B
RXBCLK_B
S/W
3.9
RXDB_INT[9:0]
RXBCLK_B
RXDA_INT[9:0]
RXBCLK_A
TX A Datapath
CH A RX
Datapath
RXDA[9:0]
RXBCLK_A
TX A Datapath
Channel A
RXSERDES
TX A Datapath
CHBRX
Datapath
RXDB[9:0]
RXBCLK_B
TX A Datapath
ChannelB
RXSERDES
= PrimaryDevicePin
S/W
x.x:x
Legend:
= SoftwareProgrammable / Register Address.Bit
RXBCLK_*, TXBCLK_* frequencyisSerialBitRateDividedby 10
DDR:
4
SDR:
2
DDR:
4
SDR:
2
614.4 /
1228. 8 /
2457. 6 /
3072 /
4915. 2 /
6144 Mbps
Line rates for CPRI
Line rates for OBSAI
768 /
1536 /
3072 /
6144Mbps
PA
LO _ 1
RF
Duplexer
LNA
ADC
DR
12- bit
ADC
IF 1
IF 2
61. 44 MHz
TLK 6002
( Serdes
TLK6002
TLK3131 /
32 /34
Serdes
CPRI /
OBSAI
ADS5232
ADS5240
ADS528 x
61.44 MHz
245.76 MHz
DAC5682 z
DAC 5688
DAC 5687
Σ
LO _ 1
0
90
16 - bit
DAC
FIR
16 - bit
DAC
FIR
DDC
GC 6016
I / Q
61. 44 MHz
CDCEX52005
X - tal
FPGA
TX _CLK
I/Q
DUC
GC 6016
FPGA
RX_CLK
TLK6002
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
www.ti.com
Figure 1-5. TLK6002 Receive Clock Architecture
Figure 1-6. TLK6002 Application Diagram
6
Introduction
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com