Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 46 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 42Page - Texas Instruments TLK6002 Datasheet HTML 43Page - Texas Instruments TLK6002 Datasheet HTML 44Page - Texas Instruments TLK6002 Datasheet HTML 45Page - Texas Instruments TLK6002 Datasheet HTML 46Page - Texas Instruments TLK6002 Datasheet HTML 47Page - Texas Instruments TLK6002 Datasheet HTML 48Page - Texas Instruments TLK6002 Datasheet HTML 49Page - Texas Instruments TLK6002 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 98 page
background image
TLK6002
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
www.ti.com
Table 3-2. CHANNEL_CONTROL_1 (continued)
Address: 0x01
Default: 0x010D
BIT(s)
NAME
DESCRIPTION
ACCESS
Serdes RX rate settings
00 =
Full rate (Default 2’b00)
01 =
Half rate
10 =
Quarter rate
11 =
Eighth rate
1.5:4
RATE_RX [1:0]
RW
Values written are valid only when RATE_A/B[2:0] pins are set to 3’b100 and ARS is not
enabled (10.13:12 = 2’b00)
In ARS mode, values written to these bits are not considered to determine serdes RX rate.
Instead it is automatically determined by ARS machine.
When read, these bits will reflect the final serdes Rx rate values
Serdes PLL multiplier setting (Default 4’b1101). In ARS mode, values written to these bits is
not considered to determine serdes PLL multiplier. Instead it is automatically determined by
ARS machine and these bits when read will reflect that value.
1.3:0
PLL_MULT[3:0]
RW
Refer Table 3-3
See Appendix B for more information on PLL multiplier mettings
Table 3-3. PLL Multiplier Control
1[3:0]
1[3:0]
VALUE
PLL MULTIPLIER FACTOR
VALUE
PLL MULTIPLIER FACTOR
0000
Reserved
1000
12x
0001
Reserved
1001
Reserved
0010
4x
1010
15x
0011
5x
1011
16x
0100
6x
1100
16.5x
0101
8x
1101
20x
0110
8.25x
1110
25x
0111
10x
1111
Reserved
Table 3-4. CHANNEL_CONTROL_2
Address: 0x02
Default: 0x000A
Bit(s)
Name
Description
Access
Adjacent post cursor Tap weight. Selects TAP settings for TX waveform. (Default 5’b00000)
2.12:8
TWPOST1[4:0]
RW
Refer Table 3-5
Pre cursor Tap weight. Selects TAP settings for TX waveform. (Default 4’b0000)
2.7:4
TWPRE[3:0]
RW
Refer Table 3-6
Transmitter Output swing control for Serdes. (Default 4’b1010)
2.3:0
SWING[3:0]
RW
Refer Table 3-7
46
PROGRAMMERS REFERENCE
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com