Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 53 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 49Page - Texas Instruments TLK6002 Datasheet HTML 50Page - Texas Instruments TLK6002 Datasheet HTML 51Page - Texas Instruments TLK6002 Datasheet HTML 52Page - Texas Instruments TLK6002 Datasheet HTML 53Page - Texas Instruments TLK6002 Datasheet HTML 54Page - Texas Instruments TLK6002 Datasheet HTML 55Page - Texas Instruments TLK6002 Datasheet HTML 56Page - Texas Instruments TLK6002 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 98 page
background image
TLK6002
www.ti.com
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
Table 3-13. SERDES_CONTROL_1
Address: 0x08
Default: 0x3D4C
BIT(s)
NAME
DESCRIPTION
ACCESS
Serdes Rx precursor equalizer selection
000 = 1/9 cursor amplitude
001 = 3/9 cursor amplitude
010 = 5/9 cursor amplitude
8.14:12 EQPRE[2:0]
011 = 7/9 cursor amplitude (Default 3’b011)
RW
100 = 9/9 cursor amplitude
101 = 11/9 cursor amplitude
110 = 13/9 cursor amplitude
111 = Disable
Clock data recovery algorithm threshold selection
00 = Four vote threshold
8.11:10 CDRTHR[1:0]
01 = Eight vote threshold
RW
10 = Sixteen vote threshold
11 = Thirty two vote threshold (Default 2’b11)
Clock data recovery algorithm frequency multiplication selection
00 = First order. Frequency offset tracking disabled
8.9:8
CDRFMULT[1:0]
01 = Second order. 1x mode (Default 2’b01)
RW
10 = Second order. 2x mode
11 = Reserved
Adaptive gain control loop
00 = Attenuator will not change after lock has been achieved, even if AGC becomes
unlocked
8.7:6
AGCCTRL[1:0]
01 = Attenuator will not change when in lock state, but could change when AGC becomes
RW
unlocked (Default 2’b01)
10 = Force the attenuator off.
11 = Force the attenuator on
Auto zero calibration.
00 = Auto zero calibration initiated when receiver is enabled (Default 2’b00)
8.5:4
AZCAL[1:0]
01 = Auto zero calibration disabled
RW
10 = Forced with automatic update.
11 = Forced without automatic update
Determines whether LSB or MSB of the parallel inputs to be sent out first on serial
transmit pins.
8.3
TX_PMA_BIT_ORDER
RW
0 = TDx[19] or TDx[9] (MSB) is serially transmitted first
1 = TDx[10] or TDx[0] (LSB) is serially transmitted first (Default 1’b1)
Determines whether serially received first bit to be sent out on LSB or MSB of the parallel
outputs.
8.2
RX_PMA_BIT_ORDER
RW
0 = RDx[19] or RDx[9] (MSB) is serially received first
1 = RDx[10] or RDx[0] (LSB) is serially received first (Default 1’b1)
Transmitter polarity.
0 = Normal polarity. TXxP considered positive data and TXxN considered negative data
8.1
TX_INVPAIR
RW
(Default 1’b0)
1 = Inverted polarity. TXxP considered negative data and TXxN considered positive data
Receiver polarity.
0 = Normal polarity. RXxP considered positive data. RXxN considered negative data
8.0
RX_INVPAIR
RW
(Default 1’b0)
1 = Inverted polarity. RXxP considered negative data. RXxN considered positive data
Table 3-14. SCRAMBLER_CONTROL
Address: 0x09
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
0 = Disables scrambler on the transmit datapath (Default 1’b0)
9.15
TX_SCRAMBLER_EN
RW
1 = Enables scrambler on the transmit datapath
7 bit scrambler seed used when TX scrambler is enabled.
9.14:8 TX _SCRAMBLER_SEED[6:0]
RW
(Default 7’b0000000)
0 = Disables De-scrambler on the receive datapath (Default 1’b0)
9.7
RX_DESCRAMBLER_EN
RW
1 = Enables De-scrambler on the receive datapath
7 bit De-scrambler seed used when RX De-scrambler is enabled.
9.6:0
RX_DESCRAMBLER_SEED[6:0]
RW
(Default 7’b0000000)
Copyright © 2010, Texas Instruments Incorporated
PROGRAMMERS REFERENCE
53
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com