Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 57 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 53Page - Texas Instruments TLK6002 Datasheet HTML 54Page - Texas Instruments TLK6002 Datasheet HTML 55Page - Texas Instruments TLK6002 Datasheet HTML 56Page - Texas Instruments TLK6002 Datasheet HTML 57Page - Texas Instruments TLK6002 Datasheet HTML 58Page - Texas Instruments TLK6002 Datasheet HTML 59Page - Texas Instruments TLK6002 Datasheet HTML 60Page - Texas Instruments TLK6002 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 98 page
background image
TLK6002
www.ti.com
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
Table 3-22. LATENCY_COUNTER_2
Address: 0x11
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
Comma indication for the current latency measurement. Cleared when
Register 0x12 is read
17.15
LATENCY_MEAS_TX_COMMA
0 = Indicates Latency measurement detected comma on TXD[19:10]
1 = Indicates Latency measurement detected comma on TXD[9:0]
Comma indication for the current latency measurement. Cleared when
Register 0x12 is read
17.14
LATENCY_MEAS_RX_COMMA
RO/LH(1)
0 = Indicates Latency measurement detected comma on RXD[19:10]
1 = Indicates Latency measurement detected comma on RXD[9:0]
Latency measurement ready indicator
0 = Indicates latency measurement not complete.
17.4
LATENCY_ MEAS_READY
1 = Indicates latency measurement is complete and value in latency
measurement counter (LATENCY_MEAS_COUNT[19:0]) is ready to be read.
Bits[19:16] of 20 bit wide latency measurement counter.
Latency measurement counter value represents the latency in number of clock
17.3:0
LATENCY_MEAS_COUNT[19:16]
cycles. This counter will return 20’h00000 if it is read before rx comma is
COR(1)
received. If latency is more than 20’hFFFFF clock cycles then this counter
returns 20’hFFFFF.
(1)
User has to make sure Register 0x11 has to be read first before reading Register 0x12. Latency measurement counter value resets to
20’h00000 when Register 0x12 is read. Comma indication (17.15 and 17.14) and count valid (17.4) bits are also cleared when Register
0x12 is read.
Table 3-23. LATENCY_COUNTER_1
Address: 0x12
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
18.15:0
LATENCY_MEAS_COUNT[15:0]
Bits[15:0] of 20 bit wide latency measurement counter.
COR(1)
(1)
User has to make sure Register 0x11 has to be read first before reading Register 0x12. Latency measurement counter value resets to
20’h00000 when Register 0x12 is read. Comma indication (17.15 and 17.14) and count valid (17.4) bits are also cleared when Register
0x12 is read.
Table 3-24. TI_RESERVED_CONTROL_1
Address: 0x13
Default: 0x0200
BIT(s)
NAME
DESCRIPTION
ACCESS
19.12
RESERVED
For TI use only
19.9
RESERVED
For TI use only
19.8
RESERVED
For TI use only
N/A
19.7
RESERVED
For TI use only
19.3
RESERVED
For TI use only
19.0
RESERVED
For TI use only
Copyright © 2010, Texas Instruments Incorporated
PROGRAMMERS REFERENCE
57
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com