Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 5 Page - Texas Instruments

  TLK6002 Datasheet HTML 1Page - Texas Instruments TLK6002 Datasheet HTML 2Page - Texas Instruments TLK6002 Datasheet HTML 3Page - Texas Instruments TLK6002 Datasheet HTML 4Page - Texas Instruments TLK6002 Datasheet HTML 5Page - Texas Instruments TLK6002 Datasheet HTML 6Page - Texas Instruments TLK6002 Datasheet HTML 7Page - Texas Instruments TLK6002 Datasheet HTML 8Page - Texas Instruments TLK6002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
-
-
REFCLK_0_P/N
REFCLK_1_P/N
0
1
0
1
REFCLK_A_SEL
REFCLK_B_SEL
S/W
0.1
S/W
0.0
RXBCLK_A
TXBCLK_A
RXDA[9:0]
TXDA[9:0]
Channel A
SERDES
REFCLKP/N
RXBCLK_B
TXBCLK_B
RXDB[9:0]
TXDB[9:0]
ChannelB
SERDES
REFCLKP/N
CLK_OUT_SEL
1/N
0.5:4
-
+
RXAP
RXAN
TXAP
TXAN
-
+
RXBP
RXBN
TXBP
TXBN
CLK_OUT_P/N
RX
TX
RX
TX
= PrimaryDevicePin
S/W
x.x:x
Legend:
= SoftwareProgrammable / Register Address.Bit
RXBCLK_*, TXBCLK_* frequencyisSerialBitRateDividedby 10
RXBCLK_* isreferredtoastherecoveredbyteclock, andisalways
synchronouswiththeincomingserialdatarate (whenvalid).
S/W
0.6
1
0
ARSChannel A
ARSChannelB
ARS
Control /
Divider
IncomingSerialBitRate *(1/2/4/8 Full/Half/Quarter/Eighth)/ 4
IncomingSerialBitRate *(1/2/4/8 Full/Half/Quarter/Eighth)/ 4
Note: AlsoequalinfrequencytoMPY*REFCLK/2
TDA_[19:0]
TDB_[19:0]
0
1
1
0
A S/W
3.10
BS/W
3.10
TX A FIFO
TXBFIFO
TXDB_INT[9:0]
TXBCLK_B
TXDA_INT[9:0]
TXBCLK_A
TXCLK_B
TXCLK_A
0
1
1
0
`
TX A Datapath
CH A TX
Datapath
TXDA[9:0]
TXBCLK_A
TX A Datapath
Channel A
TXSERDES
TX A Datapath
CHB TX
Datapath
TXDB[9:0]
TXBCLK_B
TX A Datapath
ChannelB
TXSERDES
= PrimaryDevicePin
S/W
x.x:x
Legend:
= SoftwareProgrammable / Register Address.Bit
RXBCLK_*, TXBCLK_* frequencyisSerialBitRateDividedby 10
TLK6002
www.ti.com
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
Figure 1-3. TLK6002 Reference Clock/Output Clock Architecture
Figure 1-4. TLK6002 Transmit Clock Architecture
Copyright © 2010, Texas Instruments Incorporated
Introduction
5
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com