Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 76 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 72Page - Texas Instruments TLK6002 Datasheet HTML 73Page - Texas Instruments TLK6002 Datasheet HTML 74Page - Texas Instruments TLK6002 Datasheet HTML 75Page - Texas Instruments TLK6002 Datasheet HTML 76Page - Texas Instruments TLK6002 Datasheet HTML 77Page - Texas Instruments TLK6002 Datasheet HTML 78Page - Texas Instruments TLK6002 Datasheet HTML 79Page - Texas Instruments TLK6002 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 98 page
background image
TLK6002
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
www.ti.com
4.18 Device Initialization
The following subsections provide proper provisioning sequences for various TLK6002 operating modes
using the MDIO interface. Please note that the provisioning method for optimal serial link performance is
dependent on system characteristics such as the length of an electrical cable or printed circuit board trace
connected to the serial interface. For long electrical serial links such as long backplane and cable
channels, the standard MDIO provisioning method is preferred. For short electrical serial links such as
between the SERDES and an optical module, the STCI-via-MDIO provisioning method is preferred. The
STCI-via-MDIO provisioning method provides a way to further fine-tune the serial link performance. The
STCI-via-MDIO provisioning method is described in detail in the “TLK6002 Provisioning for Optimal Serial
Link Performance” application note.
4.18.1 20-Bit Interface Mode (8b/10b Encoder/Decoder Disabled) (All CPRI/OBSAI Rates)
Note: Assume both channel A and channel B have the same setup.
REFCLK frequency = 122.88 MHz, Mode = Transceiver, Parallel Interface = 20-Bit SDR Falling Edge
Aligned Mode, RXCLK_A/B out = RXBCLK_A/B, Serial Data Rate is CPRI/OBSAI standard rate as shown
below.
•
Device Pin Setting(s) – Pin settings allow for maximum software configurability.
–
Ensure CODEA_EN input pin is Low.
–
Ensure CODEB_EN input pin is Low.
–
Ensure RATE_A[2:0] input pins are 3’b100 (High, Low, Low) to enable software control.
–
Ensure RATE_B[2:0] input pins are 3’b100 (High, Low, Low) to enable software control.
–
Ensure PD_TRXA_N input pin is High.
–
Ensure PD_TRXB_N input pin is High.
–
Ensure PRBS_EN input pin is Low.
–
Ensure REFCLK_A_SEL input pin is Low to enable software control.
–
Ensure REFCLK_B_SEL input pin is Low to enable software control.
•
Reset Device
–
Issue a hard or soft reset (RESET_N asserted for at least 10 µs -or- Write 1’b1 to 0.15
GLOBAL_RESET) after power supply stabilization.
•
Enable MDIO global write so that each MDIO write affects both channels to shorten provisioning time
–
Write 1’b1 to 0.11 GLOBAL_WRITE
•
Clock Configuration
–
Select Channel A SERDES REFCLK input (Default = REFCLK_0_P/N)
•
If REFCLK_0_P/N used – Write 1’b0 to 0.1 REFCLK_A_SEL
•
If REFCLK_1_P/N used – Write 1’b1 to 0.1 REFCLK_A_SEL
–
Select Channel B SERDES REFCLK input (Default = REFCLK_0_P/N)
•
If REFCLK_0_P/N used – Write 1’b0 to 0.0 REFCLK_B_SEL
•
If REFCLK_1_P/N used – Write 1’b1 to 0.0 REFCLK_B_SEL
•
Data Rate Setting (select one of the following 8 cases)
–
If serial data rate is 6144.00Mbps: write 2’b00 to 1.7:6 RATE_TX[1:0], write 2’b00 to 1.5:4
RATE_RX[1:0], write 4’b1110 to 1.3:0 PLL_MULT[3:0] to select FULL rate and 25x MPY
(CHANNEL_CONTROL_1 = 0x010E).
–
If serial data rate is 4915.20Mbps: Write 2’b00 to 1.7:6 RATE_TX[1:0], write 2’b00 to 1.5:4
RATE_RX[1:0], write 4’b1101 to 1.3:0 PLL_MULT[3:0] to select FULL rate and 20x MPY
(CHANNEL_CONTROL_1 = 0x010D).
–
If serial data rate is 3072.00Mbps: Write 2’b01 to 1.7:6 RATE_TX[1:0], write 2’b01 to 1.5:4
RATE_RX[1:0], write 4’b1110 to 1.3:0 PLL_MULT[3:0] to select HALF rate and 25x MPY
(CHANNEL_CONTROL_1 = 0x015E).
–
If serial data rate is 2457.60Mbps: Write 2’b01 to 1.7:6 RATE_TX[1:0], write 2’b01 to 1.5:4
76
ELECTRICAL SPECIFICATIONS
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com